Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACNLT101Q Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # PACNLT101Q
Description  NON-LINEAR HIGH SPEED TERMINATION IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACNLT101Q Datasheet(HTML) 5 Page - California Micro Devices Corp

  PACNLT101Q Datasheet HTML 1Page - California Micro Devices Corp PACNLT101Q Datasheet HTML 2Page - California Micro Devices Corp PACNLT101Q Datasheet HTML 3Page - California Micro Devices Corp PACNLT101Q Datasheet HTML 4Page - California Micro Devices Corp PACNLT101Q Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3/8/2001
5
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PACNLT101
©2001 California Micro Devices Corp. All rights reserved. EZterm™ is a trademark of California Micro Devices
Enable pin
In normal use the Enable pin is connected to V
DD.
If the Enable pin is set to 0V or disconnected (high
impedance), then the PACNLT101 will be disabled. The
supply current will drop to almost zero and the clamping
performance will be worsened.
The Enable pin can also be used to vary the supply
current and clamping voltage. As the current into the
Enable pin is increased the supply current will increase
and the clamping voltage will be reduced. The minimum
clamping voltage will occur when the Enable pin voltage
equals the supply voltage. (The Enable pin voltage
cannot exceed the supply voltage.)
Users who cannot tolerate the supply current quoted in
the Operating Characteristics can connect a resistor in
series with the Enable pin to reduce the supply current,
at the cost of increasing the clamping voltage. See
Figure 6.
The controller IC sets the powerdown pin to 0V to
powerdown the PACNLT101, and sets the powerdown
pin to V
DD to power up the PACNLT101. The system
designer can vary the value of R1 to optimize the trade-
off between power consumption and clamping voltage.
See Figure 7, 8, 9, and 10.
Figure 7. I
DD vs R1 @ VDD = 3.3V
Figure 6. Resistor In Series with the Enable Pin
Controller
Powerdown
PACNLT101
R1
Enable
0
10
20
30
40
50
60
70
80
90
100
0
100
220
470
1000
2200
Value of External Resistor R1 (
Ω)
500
550
600
650
700
750
800
0
100
220
470
1000
2200
Value of External Resistor R1 (
Ω)
Figure 8. Clamping Voltage vs R1 @ V
DD = 3.3V
Figure 9. I
DD vs R1 @ VDD = 2V
Figure 10. Clamping Voltage vs R1 @ V
DD = 2V
0
5
10
15
20
25
30
0
100
220
470
1000
2200 4700 10000 100000
Value of External Resistor R1 (
Ω)
300
350
400
450
550
500
600
650
0
100
220
470
1000
2200
4700 10000 100000
Value of External Resistor R1 (
Ω)


Similar Part No. - PACNLT101Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAC VISHAY-PAC Datasheet
123Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Nov-14
logo
Protek Devices
PAC-130 PROTEC-PAC-130 Datasheet
96Kb / 4P
   AC POWER LINE TVS COMPONENT
PAC-130 PROTEC-PAC-130 Datasheet
66Kb / 4P
   AC POWERLINE TVS COMPONENT
PAC-240 PROTEC-PAC-240 Datasheet
96Kb / 4P
   AC POWER LINE TVS COMPONENT
PAC-240 PROTEC-PAC-240 Datasheet
66Kb / 4P
   AC POWERLINE TVS COMPONENT
More results

Similar Description - PACNLT101Q

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
ACS717 ALLEGRO-ACS717 Datasheet
854Kb / 14P
   High Isolation, Linear Current Sensor IC
ACS718 ALLEGRO-ACS718 Datasheet
830Kb / 14P
   High Isolation Linear Current Sensor IC
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
logo
List of Unclassifed Man...
STK0029 ETC-STK0029 Datasheet
18Kb / 1P
   HYBRID LINEAR IC
logo
ELM Electronics
ELM7SH00XB ELM-ELM7SH00XB Datasheet
319Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH02XB ELM-ELM7SH02XB Datasheet
319Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com