Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-2R5H224U-HL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DS-2R5H224U-HL
Description  ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DS-2R5H224U-HL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DS-2R5H224U-HL Datasheet HTML 1Page - List of Unclassifed Manufacturers DS-2R5H224U-HL Datasheet HTML 2Page - List of Unclassifed Manufacturers DS-2R5H224U-HL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CAT.No.2007/2008E(2007.10.1)
Standard Ratings
Max. operating voltage(V)
Rated capacitance(F)
ø DxL(mm)
ELNA Parts No.
3.3
DSK-3R3H703T414-HLL
4.8x1.4
0.07
• Reflow soldering method available.
• Unlike batteries, the number of charging/
discharging cycles unlimited and rapid
charging/ discharging is possible.
• High reliability, Safe and unlike secondary
batteries, this is pollution free devices.
• ø4.8 x 1.7
1mm Max height type made lineup in the DSK series.
e
z
i
s
n
r
e
t
t
a
p
d
n
a
l
d
e
d
n
e
m
m
o
c
e
R
g
n
i
w
a
r
D
e
n
il
t
u
O
Unit: mm
Unit: mm
Terminal shaped: HL
Specifications
Item
Performance
Series Name
Category temperature range (˚C)
Tolerance at rated capacitance (%)
Rated Capacitance (F)
Internal resistance( )
at 1 kHz
Characteristics at high
and low temperature
Endurance
Shelf life
Test time :500 hours ; Same as endurance.
10 to 70
)
V
(
e
g
a
t
l
o
v
d
e
t
a
R
DSK series
3.3
20 to 80
0.07
100
Percentage of capacitance change
Internal resistance
Within 50% of the value at 20˚C
Within ten times the initial specified value
1.5k
or less
Test temperature
Test time
Percentage of capacitance change
Internal resistance
70˚C
500 hours
Within 30% of the initial measured value
Reflow soldering condition : 146 page.
ELECTRIC DOUBLE LAYER
CAPACITORS “DYNACAP”
DSK-414
DSK
Series code
3R3
703
HL
Rated voltage
symbol
Rated capacitance
symbol
H
Terminal
shaped
L
Taping
T414
Additional
symbol
Part numbering system (3.3V0.07F, terminal shaped: HL)
ø4.8 x 1.7
1mm Max. height Coin Cell Capacitors
GREEN
CAP
DSK
(ø4.8x1.7
1mm Max.)
DSK
(ø6.8x1.8mm Max.)
Low profile
70˚C
NEW
2.0 +0, –0.1
3.0 +0, –0.1
Laser welding
2.8
±0.1
0.1
±0.03
0.1
±0.03
1.66
±0.05
φ4.8 +0, –0.2
Sn plated
2.5 _
0
0.5
3.5 _
0
0.5
®
158


Similar Part No. - DS-2R5H224U-HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS-2R5H204T614-H2L ETC2-DS-2R5H204T614-H2L Datasheet
101Kb / 1P
   Coin Cell Capacitors
logo
Yellow Stone Corp
DS-2R5H204T614-H2L YSTONE-DS-2R5H204T614-H2L Datasheet
1Mb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results

Similar Description - DS-2R5H224U-HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB-5R5D104T ETC2-DB-5R5D104T Datasheet
58Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com