Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH7776 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7776_13 Datasheet HTML 1Page - OSRAM GmbH SFH7776_13 Datasheet HTML 2Page - OSRAM GmbH SFH7776_13 Datasheet HTML 3Page - OSRAM GmbH SFH7776_13 Datasheet HTML 4Page - OSRAM GmbH SFH7776_13 Datasheet HTML 5Page - OSRAM GmbH SFH7776_13 Datasheet HTML 6Page - OSRAM GmbH SFH7776_13 Datasheet HTML 7Page - OSRAM GmbH SFH7776_13 Datasheet HTML 8Page - OSRAM GmbH SFH7776_13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2013-07-09
2
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
Ordering Information
Bestellinformation
Application diagram
• Bypass capacitors for VDD and VLED are required for proper operation of the device.
• Proposed size for the pull-up resistors Rp1, Rp2 and Rp3 are 10kOhm
Type:
Ordering Code
Typ:
Bestellnummer
SFH 7776
Q65111A4188
100 nF
4.7 uF
100 nF
1.0 uF
Phone
Battery
Rp1
Rp2
Rp3
Voltage
Regulator
SDA
SCL
INT
VDD
LED_C
LED_A
GND
LDR
V IO
SDA
SFH 7776
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)
SCL
V LED
GND
GND
VDD
V INT, pullup
V INT


Similar Part No. - SFH7776_13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results

Similar Description - SFH7776_13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7776 OSRAM-SFH-7776 Datasheet
1Mb / 35P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
ams AG
SFH7779 AMSCO-SFH7779 Datasheet
3Mb / 42P
   Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
Version 1.7 2023-05-24
logo
OSRAM GmbH
SFH7779 OSRAM-SFH7779 Datasheet
1Mb / 35P
   Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
SFH-7779 OSRAM-SFH-7779 Datasheet
1Mb / 35P
   Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
logo
Vishay Siliconix
VCNL4000 VISHAY-VCNL4000 Datasheet
188Kb / 14P
   Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
Rev. 1.5, 12-May-11
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
OSRAM GmbH
SFH7773 OSRAM-SFH7773 Datasheet
883Kb / 23P
   (IR-LED Proximity Sensor Ambient Light Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com