Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRL-274NILH00951CY-A Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FRL-274NILH00951CY-A
Description  HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FRL-274NILH00951CY-A Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FRL-274NILH00951CY-A Datasheet HTML 1Page - Fujitsu Component Limited. FRL-274NILH00951CY-A Datasheet HTML 2Page - Fujitsu Component Limited. FRL-274NILH00951CY-A Datasheet HTML 3Page - Fujitsu Component Limited. FRL-274NILH00951CY-A Datasheet HTML 4Page - Fujitsu Component Limited. FRL-274NILH00951CY-A Datasheet HTML 5Page - Fujitsu Component Limited. FRL-274NILH00951CY-A Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FRL-274 SERIES
Contact material
Symbol
Feature
Features of
Silver copper
S
Excellent welding and locking proof against DC load
contact material
Silver tin oxide
Y
High durability, long life wiper or lamps
Special silver alloy
D
Durable against high in-rush, for head light or heavy load (30 A)
s COIL DATA CHART
Nominal
Contact
Coil
Nominal
Must operate voltage
Must
Thermal
Type
voltage
gap
Part number
resistance
release
resistance
(
±10%) (at 20°C)
power
20
°C80°C
voltage
0.4 mm
FRL-274s
s D006/01
21
1.7 W
3.3 VDC
4.1 VDC
0.3 VDC
(Standard)
s
s s
s-s
s s
sA
6 VDC
1 mm
FRL-274s
s D006/51
21
1.7 W
4.2 VDC
5.2 VDC
0.3 VDC
s
s s
s-s
s s
sA
0.4 mm
FRL-274s
s D012/01
85
1.7 W
6.5 VDC
8.0 VDC
0.6 VDC
(Standard)
s
s s
s-s
s s
sA
Standard
12 VDC
44
°C/W
1 mm
FRL-274s
s D012/51
85
1.7 W
8.4 VDC
10.4 VDC
0.6 VDC
s
s s
s-s
s s
sA
1 mm
FRL-274s
s D024/51
340
1.7 W
16.8 VDC 21.0 VDC
1.6 VDC
s
s s
s-s
s s
sA
24 VDC
1.4 mm
FRL-274s
s D024/61
275
2.1 W
16.8 VDC 21.0 VDC
1.6 VDC
s
s s
s-s
s s
sA
4 VDC
FRL-274s
s H004/01
27
0.6 W
3.0 VDC
3.7 VDC
0.2 VDC
s
s s
s-s
s s
sA
6 VDC
FRL-274s
s H006/01
60
0.6 W
4.2 VDC
5.2 VDC
0.3 VDC
s
s s
s-s
s s
sA
Low Power
9 VDC
0.4 mm
FRL-274s
s H009/01
135
0.6 W
6.3 VDC
7.8 VDC
0.5 VDC
58
°C/W
(Standard)
s
s s
s-s
s s
sA
10 VDC
FRL-274s
s H010/01
165
0.6 W
7.0 VDC
8.7 VDC
0.6 VDC
s
s s
s-s
s s
sA
12 VDC
FRL-274s
s H012/01
240
0.6 W
8.4 VDC
10.4 VDC
0.8 VDC
s
s s
s-s
s s
sA
s CHARACTERISTIC DATA
1. MAXIMUM BREAK CAPACITY
Voltage between contacts (VDC)
10
15
20
25
35 40
30
50
60
50
10
5
45
30
25
20
15
35
40
: Locked motor load
1
0.4 mm gap
2
1.0 mm gap
3
1.4 mm gap
: Load
(1) 0.4 mm gap
(2) 1.0 mm gap
(3) 1.4 mm gap
(4) 1.0 mm gap
(3)
(4)
(1)
(2)
1
2
3
A
A
B
Æ Test circuit A
Load
Locked motor
or
resistive load
Relay
Æ Test circuit B
Load
Resistive
load
Relay


Similar Part No. - FRL-274NILH00951CY-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274ND009/01AY-01A FUJITSU-FRL-274ND009/01AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01AY-A FUJITSU-FRL-274ND009/01AY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01CY-01A FUJITSU-FRL-274ND009/01CY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01CY-A FUJITSU-FRL-274ND009/01CY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/51AY-01A FUJITSU-FRL-274ND009/51AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL-274NILH00951CY-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com