Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2MS2T1B2M2RE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 2MS2T1B2M2RE
Description  Toggle Switches Sub-Miniature
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2MS2T1B2M2RE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2MS2T1B2M2RE Datasheet HTML 1Page - List of Unclassifed Manufacturers 2MS2T1B2M2RE Datasheet HTML 2Page - List of Unclassifed Manufacturers 2MS2T1B2M2RE Datasheet HTML 3Page - List of Unclassifed Manufacturers 2MS2T1B2M2RE Datasheet HTML 4Page - List of Unclassifed Manufacturers 2MS2T1B2M2RE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Toggle Switches
Sub-Miniature
Page <1>
06/06/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications:
Contact rating
: Dependent upon content material.
Mechanical life
: 30,000 make and break cycles.
Maximum contact resistance
: 20 m
Ω initial at 2-4 V dc 100 mA for
both silver and gold plated contacts.
Minimum insulation resistance
: 1,000 M
Ω.
Dielectric strength
: 1,000 V rms at sea level.
Operating temperature
: -30°C to 85°C.
Materials:
Case
: Diallyl phthalate (DAP).
Actuator
: Brass, chrome plated.
Bushing
: Brass, nickel plated.
Housing
: Stainless steel.
Switch support
: Brass, tin plated.
Terminal / contact
: Silver or gold plated.
Bushing
B2 5.59 high, flat (NON-THD)
B5 7.87 high, flat (THD)
2
Model No
Actuator
Bushing
Terminations
Contact
Material
Seal
M
S
1
T
1
B
2
M
2
R
E
Model No
2MS1 SP On-None-On
2MS2 SP On-None-Mom.
2MS3 SP On-Off-On
2MD1 DP On-None-On
2MD3 DP On-Off-On
Actuator
T1 9.40 high
T2 5.33 high
Contact Material
R Gold
Seal
E Epoxy (std)
Terminations
M2
PC thru-hole
M6
Right angle, PC thru-hole


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn