Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2MS1T1B2M6RE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 2MS1T1B2M6RE
Description  Toggle Switches Sub-Miniature
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

2MS1T1B2M6RE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Toggle Switches
Sub-Miniature
Page <2>
06/06/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Switch Function
Number
of Poles
UL / CSA
Model
Number
Model
Number
Switch Function
Connected Terminals / Schematic
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
Q2211
2MS1
On
None
ON
N/A
Q2212
2MS2
MOM
Q2213
2MS3
Off
ON
Open
DP
Q2221
2MD1
On
None
N/A
Q2223
2MD3
Off
Open
SPDT
Pole Options
MOM = Momentary
2MS6 Models : Omit 2nd terminal
DPDT


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn