Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2052MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2052MTRPBF
Description  2 channel integrated analog input Class D audio amplifier driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2052MTRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2052MTRPBF Datasheet HTML 5Page - International Rectifier IRS2052MTRPBF Datasheet HTML 6Page - International Rectifier IRS2052MTRPBF Datasheet HTML 7Page - International Rectifier IRS2052MTRPBF Datasheet HTML 8Page - International Rectifier IRS2052MTRPBF Datasheet HTML 9Page - International Rectifier IRS2052MTRPBF Datasheet HTML 10Page - International Rectifier IRS2052MTRPBF Datasheet HTML 11Page - International Rectifier IRS2052MTRPBF Datasheet HTML 12Page - International Rectifier IRS2052MTRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
IRS2052M
www.irf.com
© 2009 International Rectifier
9
Electrical Characteristics (Cont’d)
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Clock Oscillator
ICK1SINK,
ICK2SINK
X1B, X2B pins output sink current
at VX1B, VX2B = 0.5V
-
-
20
mA
ICK1SOURC
E,
ICK2SOURC
E
X1B, X2B pins output source
current at VX1B, VX2B = VAA – 0.5
V
-
-
-20
mA
VOLCK1,
VOLCK2
X1B, X2B pins low level output
voltage
-
-
0.07
V
VOHCK1,
VOHCK2
X1B, X2B pins high level output
voltage
-
-
9.95
V
VILCK1,
VILCK2
X1A, X2A pins input low voltage
-
-
2
V
VIHCK1,
VIHCK2
X1A, X2A pins input high voltage
8
-
-
V
IIN1, IIN2
X1A, X2A pins input current
-
-
+/- 20
uA
CIN1,
CIN2
X1A, X2A pins input capacitance
at X1A, X2A pins
-
1
-
pF
Note 1
tONCK1,
tOFFCK1,
tONCK2,
tOFFCK2
Propagation delay time from X1A
to X1B, X2A to X2B
-
40
-
ns
VthCKSL1
CKSL pin threshold 1
0.61xVAA 0.67xVAA 0.74xVAA
V
VthCKSL2
CKSL pin threshold 2
0.29xVAA 0.33xVAA 0.37xVAA
V


Similar Part No. - IRS2052MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2052M IRF-IRS2052M Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
logo
Infineon Technologies A...
IRS2052M INFINEON-IRS2052M Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
March 23, 2011
logo
International Rectifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF_15 Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
More results

Similar Description - IRS2052MTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
International Rectifier
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
   Analog Signal Input Class D Amplifier
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Shenzhenshi YONGFUKANG ...
NS4225 YONGFUKANG-NS4225 Datasheet
711Kb / 17P
   2-channel 2X25W, filterless, Class D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com