Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C19HE1WT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTST-C19HE1WT
Description  ROHS/ Extra Thin (0.35Hmm) Full Color SMD Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C19HE1WT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-C19HE1WT_14 Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C19HE1WT_14 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTST-C19HE1WT
Page :
5
of
11
BNS-OD-C131/A4
Luminous Intensity
Color : Blue , Unit : mcd @20mA
Bin Code
Min.
Max.
N
28.0
45.0
P
45.0
71.0
Q
71.0
112.0
R
112.0
180.0
Tolerance on each Intensity bin is +/-15%
Luminous Intensity
Color : Green , Unit : mcd @20mA
Bin Code
Min.
Max.
R
112.0
180.0
S
180.0
280.0
T
280.0
450.0
Tolerance on each Intensity bin is +/-15%
Luminous Intensity
Color : Red , Unit : mcd @20mA
Bin Code
Min.
Max.
P
45.0
71.0
Q
71.0
112.0
R
112.0
180.0
Tolerance on each Intensity bin is +/-15%


Similar Part No. - LTST-C19HE1WT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C19HE1WT-5A LITEON-LTST-C19HE1WT-5A Datasheet
574Kb / 12P
   SMD LED
LTST-C19HE1WT-H LITEON-LTST-C19HE1WT-H Datasheet
539Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTST-C19HE1WT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C19HE2WT LITEON-LTST-C19HE2WT Datasheet
697Kb / 11P
   ROHS/ Extra Thin (0.40Hmm) Full Color SMD Chip LED/
LTST-S33FBEGW-5A LITEON-LTST-S33FBEGW-5A Datasheet
508Kb / 12P
   ROHS/ Extra Thin (0.4Tmm) Side Looking Full Color Chip LED with Tin Plating
LTST-C19FD1WT LITEON-LTST-C19FD1WT Datasheet
584Kb / 11P
   ROHS/ Full color chip LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_14 Datasheet
642Kb / 12P
   ROHS/ Full color chip LED
LTST-S32F2KT-10A LITEON-LTST-S32F2KT-10A Datasheet
618Kb / 11P
   ROHS/ Full color chip LED
LTST-C194KSKT LITEON-LTST-C194KSKT Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
LTST-S32F1KT LITEON-LTST-S32F1KT Datasheet
344Kb / 12P
   ROHS/ Side Looking Full Color Chip LED
LTST-C193KRKT-2A LITEON-LTST-C193KRKT-2A Datasheet
604Kb / 11P
   Extra thin (0.35H mm) Chip LED
LTST-S310F2KT LITEON-LTST-S310F2KT Datasheet
478Kb / 12P
   ROHS/ Side Looking Ultra Bright Chip LED/ Full Color Chip LED
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
   Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com