Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-108KRKT Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTST-108KRKT
Description  ROHS/ Package in 8mm tape on 7??diameter reels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-108KRKT Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTST-108KRKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-108KRKT Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
User Guide
Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If cleaning is necessary, immerse the LED in ethyl alcohol or isopropyl alcohol at
normal temperature for less one minute.
Recommend Printed Circuit Board Attachment Pad
Infrared / vapor phase
Reflow Soldering
Package Dimensions Of Tape And Reel
Note:
1.All dimensions are in millimeters (inches).
Part No. : LTST-108KRKT
Page :
6
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-108KRKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-108KRKT TO-GRACE-LTST-108KRKT Datasheet
862Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-108KRKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C155GYKT LITEON-LTST-C155GYKT_14 Datasheet
537Kb / 10P
   ROHS/ Package In 8mm Tape On 7" Diameter Reels
LTST-108TGKT LITEON-LTST-108TGKT Datasheet
656Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C150AKT LITEON-LTST-C150AKT Datasheet
307Kb / 6P
   PACKAGE IN 8MM TAPE ON 7" DIAMETER REELS.
LTST-010TBKT LITEON-LTST-010TBKT Datasheet
453Kb / 11P
   Package in 8mm tape on 7" diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008ZDCG TO-GRACE-LTW-008ZDCG Datasheet
685Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-010KRKT TO-GRACE-LTST-010KRKT Datasheet
660Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-T680KGKT TO-GRACE-LTST-T680KGKT Datasheet
681Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTW-M670ZVS-M5 TO-GRACE-LTW-M670ZVS-M5 Datasheet
680Kb / 11P
   Package in 8mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTST-T670YKT LITEON-LTST-T670YKT Datasheet
245Kb / 6P
   Package in 8mm tape on 7 diameter reels
LTST-C190GKT LITEON-LTST-C190GKT Datasheet
344Kb / 9P
   Package in 8mm tape on 7 diameter reels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com