Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-020KSKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTST-020KSKT
Description  ROHS/ Package in 12 mm tape on 7??diameter reels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-020KSKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTST-020KSKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-020KSKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet ROHS, Gr een Pr oduct .
* Package i n 12 mm t ape on 7” di amet er r eel s.
* EIA ST D package.
* I.C. compat i bl e.
* Compat i bl e wi t h aut omat i c pl acement equi pment .
* Compat i bl e wi t h i nf r ar ed r ef l ow sol der pr ocess.
Package
Dimensions
Part No.
Lens Color
Source Color
LTST-020KSKT
Water Clear
AlInGaP Yellow
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1 mm
(.004") unless otherwise noted.
Part No. : LTST-020KSKT
Page :
1
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-020KSKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-020KSKT TO-GRACE-LTST-020KSKT Datasheet
875Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-020KSKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-010KSKT LITEON-LTST-010KSKT Datasheet
453Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008BGEW LITEON-LTST-008BGEW Datasheet
762Kb / 14P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010TGKT LITEON-LTST-010TGKT Datasheet
759Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010KFKT LITEON-LTST-010KFKT Datasheet
463Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels.
LTST-108KRKT LITEON-LTST-108KRKT Datasheet
667Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C155GYKT LITEON-LTST-C155GYKT_14 Datasheet
537Kb / 10P
   ROHS/ Package In 8mm Tape On 7" Diameter Reels
LTST-108TGKT LITEON-LTST-108TGKT Datasheet
656Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C190GKT LITEON-LTST-C190GKT Datasheet
344Kb / 9P
   Package in 8mm tape on 7 diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-089E2CG-A TO-GRACE-LTW-089E2CG-A Datasheet
964Kb / 13P
   Package in 8mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com