Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7507TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7507TRPBF
Description  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7507TRPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7507TRPBF Datasheet HTML 1Page - International Rectifier IRF7507TRPBF Datasheet HTML 2Page - International Rectifier IRF7507TRPBF Datasheet HTML 3Page - International Rectifier IRF7507TRPBF Datasheet HTML 4Page - International Rectifier IRF7507TRPBF Datasheet HTML 5Page - International Rectifier IRF7507TRPBF Datasheet HTML 6Page - International Rectifier IRF7507TRPBF Datasheet HTML 7Page - International Rectifier IRF7507TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7507PbF
6
www.irf.com
Fig 18. Maximum Safe Operating Area
Fig 17. Typical On-Resistance Vs. Gate
Voltage
P - Channel
Fig 20. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 19. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 21. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
N-P - Channel
0.1
1
10
100
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
0
100
200
300
400
500
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
2
4
6
8
10
024
6
8
10
G
A
Q , Total Gate Charge (nC)
I = -1.2A
V
= -16V
FOR TEST CIRCUIT
SEE FIGURE 19
D
DS
2
3
4
5
6
7
8
0.100
0.150
0.200
0.250
0.300
-V
, Gate-to-Source Voltage (V)
GS
ID = -1.7A


Similar Part No. - IRF7507TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7507PBF IRF-IRF7507PBF Datasheet
214Kb / 8P
   HEXFET짰Power MOSFET
IRF7507PBF IRF-IRF7507PBF Datasheet
219Kb / 8P
   Ultra Low On-Resistance
IRF7507PBF IRF-IRF7507PBF_15 Datasheet
219Kb / 8P
   Ultra Low On-Resistance
More results

Similar Description - IRF7507TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com