Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2815AR Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2815AR
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AR Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX2815AR Datasheet HTML 2Page - Sipex Corporation SPX2815AR Datasheet HTML 3Page - Sipex Corporation SPX2815AR Datasheet HTML 4Page - Sipex Corporation SPX2815AR Datasheet HTML 5Page - Sipex Corporation SPX2815AR Datasheet HTML 6Page - Sipex Corporation SPX2815AR Datasheet HTML 7Page - Sipex Corporation SPX2815AR Datasheet HTML 8Page - Sipex Corporation SPX2815AR Datasheet HTML 9Page - Sipex Corporation SPX2815AR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
PACKAGE: 3 PIN TO-220
MIN
NOM
MAX
MIN
NOM
MAX
A
0.140
-
0.190
3.56
-
4.83
A1
0.020
-
0.055
0.51
-
1.27
A2
0.080
-
0.115
2.03
-
2.79
b
0.015
0.027
0.040
0.25
0.51
1.02
b2
0.045
0.057
0.070
1.14
1.45
1.78
c
0.014
-
0.024
0.25
-
0.51
D
0.560
-
0.650
14.22
-
16.51
D1
0.330
-
0.355
8.38
-
8.89
D2
0.480
-
0.507
12.19
-
12.70
E
0.380
-
0.420
9.65
-
10.67
E1
0.270
-
0.350
6.86
-
8.89
E2
-
-
0.030
-
-
0.76
e
e1
H1
0.230
-
0.270
5.84
-
6.86
L
0.500
-
0.580
12.70
-
14.73
L1
-
-
0.250
-
-
6.35
ΦP
0.139
-
0.161
3.30
-
4.06
Q
0.100
-
0.135
2.54
-
3.30
SIPEX Pkg Signoff Date/Rev:
JL Aug4-05 / Rev A
3 Pin TO-220
JEDEC TO-220
Variation AB
SYMBOL
2.54 BSC
5.08 BSC
Dimensions in Inches:
Controlling Dimension
Dimensions in Millimeters:
Conversion Factor:
1 Inch = 25.40 mm
.100 BSC
.200 BSC
D2
(H1)
E1
Thermal
Pad
BACK
VIEW
e1
b2
E
øP
Q
D
D1
E2
L
L1
b
1
e
FRONT
VIEW
H1
Seating
Plane
A1
A
Chamfer
Optional
C
A2
SIDE
VIEW


Similar Part No. - SPX2815AR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AR SIPEX-SPX2815AR Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815AR SIPEX-SPX2815AR Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AR-1.5 SIPEX-SPX2815AR-1.5 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815AR-2-5 SIPEX-SPX2815AR-2-5 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AR-2-5/TR SIPEX-SPX2815AR-2-5/TR Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com