Electronic Components Datasheet Search |
|
SP706TCU-L Datasheet(PDF) 1 Page - Exar Corporation |
|
SP706TCU-L Datasheet(HTML) 1 Page - Exar Corporation |
1 / 16 page S SP P7 70 06 6R R/ /S S/ /T T -- S SP P7 70 08 8R R/ /S S/ /T T 3 3..0 0V V/ /3 3..3 3V V L Lo ow w P Po ow we err M Miiccrro op prro occe es ss so orr S Su up pe errv viis so orry y C Ciirrccu uiitts s June 2010 Rev. 2.0.0 Exar Corporation www.exar.com 48720 Kato Road, Fremont CA 94538, USA Tel. +1 510 668-7000 – Fax. +1 510 668-7001 GENERAL DESCRIPTION The SP706R/S/T and SP708R/S/T series is a family of microprocessor (µP) supervisory circuits that integrate myriad components involved in discrete solutions which monitor power-supply and battery in µP and digital systems. The SP706R/S/T and SP708R/S/T series will significantly improve system reliability and operational efficiency when compared to solutions obtained with discrete components. The features of the SP706R/S/T and SP708R/S/T series include a watchdog timer, a µP reset, a Power Fail Comparator, and a manual-reset input. The SP706R/S/T and SP708R/S/T series is ideal for 3.0V or 3.3V applications in automotive systems, computers, controllers, and intelligent instruments. The SP706R/S/T and SP708R/S/T series is an ideal solution for systems in which critical monitoring of the power supply to the µP and related digital components is demanded. APPLICATIONS • Processors & DSPs Based Systems • Industrial & Medical Instruments FEATURES • Precision Low Voltage Monitor − SP706R/SP708R: +2.63V − SP706S/SP708S: +2.93V − SP706T/SP708T: +3.08V • 200ms RESET Pulse Width − SP706R/S/T: Active Low − SP708R/S/T: Active High and Active Low • Independent Watchdog Timer − 1.6s Timeout (SP706R/S/T) − Enable/Disable Function • 40µA Maximum Supply Current • Debounced TTL/CMOS Manual Reset Input • RESET Asserted Down to VCC=1V • VCC Glitch Immunity • Voltage Monitor for Power Failure or Low Battery Warning • 8-Pin NSOIC and MSOP Packages • Pin Compatible with Industry Standards 706R/S/T and 708R/S/T Part Number RESET Threshold RESET Active Manual RESET Watchdog PFI Accuracy SP706R 2.63V Low Yes Yes 4% SP706S 2.93V Low Yes Yes 4% SP706T 3.08V Low Yes Yes 4% SP708R 2.63V Low and High Yes No 4% SP708S 2.93V Low and High Yes No 4% SP708T 3.08V Low and High Yes No 4% |
Similar Part No. - SP706TCU-L |
|
Similar Description - SP706TCU-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |