Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1010NXE5HFA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P1010NXE5HFA
Description  QorIQ P1010 and P1014 Communications Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1010NXE5HFA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P1010NXE5HFA Datasheet HTML 1Page - Freescale Semiconductor, Inc P1010NXE5HFA Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QorIQ Communications Platforms
QorIQ P1010 and P1014
Communications Processors
Target Markets and Applications
• Wireless LAN access points
(802.11ac/802.11n)
• SOHO/SMB routers
• Controller for Ethernet switches
• Network attached storage
• Video surveillance
• Factory automation and industrial control
Overview
The QorIQ P1010 and P1014 processors are
members of the value-perfomance tier, offering
extensive integration and extreme power
intelligence for a wide variety of applications
in cost-sensitive networking, network
attached storage, digital video surveillance
and industrial segments. Based on 45 nm
technology for low-power implementation,
the P1010 and P1014 processors provide a
single-core, low-power solution for the 533
to 1000 MHz performance range, along with
a trusted security platform and a rich set of
interfaces.
Secure Boot
The secure boot feature ensures that the
processors only run authenticated code.
Through a set of fuses that OEMs can
program once but can never be read, secure
boot prevents unauthorized parties from
reverse engineering code to steal intellectual
property, from loading illegitimate code to
change system functionality or from extracting
sensitive user information that may be stored
in the system.
Coherent System Bus
Security
4.4
Security Fuse
Processor
USB 2.0 w/PHY
Security Monitor
IFC, TDM
2x FlexCAN
SD/MMC
2x DUART
SPI, GPIO
2x I2C
6-Lane 2.5 GHz SerDes
DMA
Power Architecture®
e500-v2 Core
32 KB
D Cache
32 KB
I Cache
256 KB
Frontside
Cache
SATA
SATA
1 GE
1 GE
1 GE
(P1010
only)
(P1010 only)
16/32-bit DDR3/3L
Memory Controller
(16-bit only for the P1014)
PCIe
PCIe
Accelerators and Memory Control
Networking Elements
Core Complex (CPU and L2 Cache)
Basic Peripherals and Interconnect
QorIQ P1010 and P1014 Block Diagram
QorIQ P1010 and P1014 Processor Block Diagram


Similar Part No. - P1010NXE5HFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1010NXE5HHA FREESCALE-P1010NXE5HHA Datasheet
209Kb / 2P
   QorIQ P1010 and P1014 Communications Processors
More results

Similar Description - P1010NXE5HFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1010NXE5HHA FREESCALE-P1010NXE5HHA Datasheet
209Kb / 2P
   QorIQ P1010 and P1014 Communications Processors
P1010 FREESCALE-P1010 Datasheet
234Kb / 2P
   P1010 and P1014 low-power communications processors
P1010-RDB FREESCALE-P1010-RDB Datasheet
209Kb / 2P
   QorIQ P1010 and P1014 Processor Block Diagram
logo
NXP Semiconductors
LS1088AFS NXP-LS1088AFS Datasheet
155Kb / 2P
   QorIQ LS1088A and LS1048A Communications Processors
REV 2
logo
Freescale Semiconductor...
P2020NSE2MHC FREESCALE-P2020NSE2MHC Datasheet
129Kb / 2P
   QorIQ P2010 and P2020 Processors
P2010NSE2MHC FREESCALE-P2010NSE2MHC Datasheet
129Kb / 2P
   QorIQ P2010 and P2020 Processors
P2020PSE2HFC FREESCALE-P2020PSE2HFC Datasheet
129Kb / 2P
   QorIQ P2010 and P2020 Processors
logo
NXP Semiconductors
LS1026A NXP-LS1026A Datasheet
204Kb / 2P
   QorIQ LS1046A and LS1026A Processors
logo
Freescale Semiconductor...
P2020NSE2MFC FREESCALE-P2020NSE2MFC Datasheet
129Kb / 2P
   QorIQ P2010 and P2020 Processors
P2010NXN2KFC FREESCALE-P2010NXN2KFC Datasheet
129Kb / 2P
   QorIQ P2010 and P2020 Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com