Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD620GB-X009T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILD620GB-X009T
Description  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD620GB-X009T Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD620GB-X009T Datasheet HTML 1Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 2Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 3Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 4Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 5Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 6Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 7Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 8Page - Vishay Siliconix ILD620GB-X009T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ILD620, ILD620GB, ILQ620, ILQ620GB
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 12-Apr-13
2
Document Number: 83653
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Forward current
IF
± 60
mA
Surge current
IFSM
± 1.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.3
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Collector current
IC
50
mA
t < 1 s
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate from 25 °C
2mW/°C
COUPLER
Isolation test voltage
t = 1 s
VISO
5300
VRMS
Isolation voltage
VIORM
890
VP
Total power dissipation
Ptot
250
mW
Package dissipation
ILD620
400
mW
ILD620GB
400
mW
Derate from 25 °C
5.33
mW/°C
Package dissipation
ILQ620
500
mW
ILQ620GB
500
mW
Derate from 25 °C
6.67
mW/°C
Creepage distance
 7mm
Clearance distance
 7mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
 1012
VIO = 500 V, Tamb = 100 °C
RIO
 1011
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (1)
2 mm from case bottom
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 10 mA
VF
1
1.15
1.3
V
Forward current
VR = ± 0.7 V
IF
2.5
20
μA
Capacitance
VF = 0 V, f = 1 MHz
CO
25
pF
Thermal resistance, junction to lead
RthJL
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
6.8
pF
Collector emitter leakage current
VCE = 24 V
ICEO
10
100
nA
TA = 85 °C, VCE = 24 V
ICEO
250
μA
Thermal resistance, junction to lead
RthJL
500
K/W


Similar Part No. - ILD620GB-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD620GB-X009T VISHAY-ILD620GB-X009T Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD620GB-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDL620 VISHAY-IDL620 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.3, 26-Apr-04
TCET2600 VISHAY-TCET2600_07 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.5, 07-Dec-07
ILD620 VISHAY-ILD620_V02 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2023
ILD620 VISHAY-ILD620_V01 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2022
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2023
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2022
ILD256T VISHAY-ILD256T_V01 Datasheet
551Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, AC Input
01-Jan-2022
ILD256T VISHAY-ILD256T_V02 Datasheet
551Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, AC Input
01-Jan-2023
ILD256T VISHAY-ILD256T Datasheet
125Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, AC Input
Rev. 1.6, 20-Apr-07
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com