Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRL-274NH00951AS-A Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FRL-274NH00951AS-A
Description  HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FRL-274NH00951AS-A Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FRL-274NH00951AS-A Datasheet HTML 1Page - Fujitsu Component Limited. FRL-274NH00951AS-A Datasheet HTML 2Page - Fujitsu Component Limited. FRL-274NH00951AS-A Datasheet HTML 3Page - Fujitsu Component Limited. FRL-274NH00951AS-A Datasheet HTML 4Page - Fujitsu Component Limited. FRL-274NH00951AS-A Datasheet HTML 5Page - Fujitsu Component Limited. FRL-274NH00951AS-A Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s FEATURES
q
Maximum switching current 30 A
q
Three types of contact gaps (0.4 mm, 1.0 mm, 1.4 mm)
q
Various contact materials
q
Immersion cleanable type available
q
Tube carrier package
(a)
Series Name
FRL-274: FRL-274 Series
(b)
Enclosure
Nil
: Flux free type
N
: Plastic sealed type
(c)
Coil Type
D
: Standard (nominal power 1.7 to 2.1 W)
H
: Low power (nominal power 0.6 W)
(Example)
(d)
Nominal Voltage
009
: 9 VDC
012
: 12 VDC
024
: 24 VDC
01
: Standard gap (0.4 mm gap)
(e)
Contact Gap
51
: 1.0 mm gap
61
: 1.4 mm gap
(f)
Contact Arrangement
A
: 1 form A (SPST-NO)
C
: 1 form C (SPDT)
S
: Silver copper
(g)
Contact Material
Y
: Silver-tin oxide
D
: Special silver alloy
(h)
Cover Terminal
A
: w/cover, standard terminal width
01A
: w/cover, wide terminal width
(i)
Custom Designation
To be assigned custom specification
(j)
Package
Nil
: Standard tray
-S
: Carrier tube
s ORDERING INFORMATION
FRL-274
N
D
012 / 01
C
S - 01A - ***
(-S)
[Example]
(a)
(b)
(c)
(d)
(e)
(f )
(g)
(h)
(i)
(j)
FRL-274 SERIES
HIGH POWER RELAY
1 POLE— 30 A
(FOR AUTOMOTIVE APPLICATIONS)
1


Similar Part No. - FRL-274NH00951AS-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274NH009/01AY-01A FUJITSU-FRL-274NH009/01AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/01AY-A FUJITSU-FRL-274NH009/01AY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/01CY-01A FUJITSU-FRL-274NH009/01CY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/01CY-A FUJITSU-FRL-274NH009/01CY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274NH009/51AY-01A FUJITSU-FRL-274NH009/51AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL-274NH00951AS-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com