Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-628CU301R Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTP-628CU301R
Description  battery drive, FTP-608 Series 2??high speed thermal printer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628CU301R Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTP-628CU301R Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628CU301R Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628CU301R Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628CU301R Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628CU301R Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628CU301R Datasheet HTML 6Page - Fujitsu Component Limited. FTP-628CU301R Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FTP-628MCL101/103
Part number
FTP-628MCL0/03
Printing method
Thermal-line dot method
Dot structure
384 dots/line
Dot pitch (Horizontal)
0.25 mm (8 dots/mm)—Dot density
Dot pitch (Vertical)
0.25 mm (8 dots/mm)—Line feed pitch
Effective printing area
48 mm
Number of columns
ANK 32 columns/line (maximum 2x 24 dot font)
Paper width
58 mm+0
Paper thickness
60 to 00 µ m (some paper in this range may not be used because of
paper characteristics
Printing Speed
Maximum 80mm/sec. (640 dot line/sec.) at 8.5V
Alphanumeric, katakana:
59 types
International and special characters:
95 types
JIS Kanji level , level 2, non-Kanji
(supported only when Kanji CG is mounted):
about 6800 types
2 × 24 dots, (.5 × 3.0mm), 32 columns: ANK
24 × 24 dots, (3.0 × 3.0mm), 6 columns:ANK, Kanji
8 × 6 dots, (.0 × 2.0 mm), 48 columns: ANK
6 × 6 dots, (2.0 × 2.0 mm), 24 columns:
ANK, Kanji
n
ParT nUMbErS
n
SPECiFiCaTiOnS
Specifications
Item
Character types
Character, dimensions (H×W), number of
columns
-
m
e
tI
r
e
b
m
u
N
tr
a
P
m
s
i
n
a
h
c
e
m
r
e
t
n
ir
P
h
c
ti
w
s
t
c
e
t
e
d
n
e
p
o
n
e
t
a
l
p
t
u
o
h
ti
w
)
m
m
8
5
:r
e
p
a
p
e
d
i
w
h
c
n
i-
2
(
1
0
1
L
C
M
8
2
6
-
P
T
F
h
c
ti
w
s
t
c
e
t
e
d
n
e
p
o
n
e
t
a
l
p
h
ti
w
)
m
m
8
5
:r
e
p
a
p
e
d
i
w
h
c
n
i-
2
(
3
0
1
L
C
M
8
2
6
-
P
T
F
g
n
i
v
ir
d
r
o
f
I
S
L
1 R (ANK only)
0
3
U
C
8
2
6
-
P
T
F
e
c
a
fr
e
t
n
I
d
r
a
o
B
l
e
ll
a
r
a
P
s)
c
i
n
o
rt
n
e
C
(
0R
0
3
L
C
D
8
2
6
-
P
T
F
l
a
ir
e
S
5R (RS 232C)
0
3
L
S
D
8
2
6
-
P
T
F
e
c
a
fr
e
t
n
I
s
e
l
b
a
C
l
e
ll
a
r
a
P
2
0
2
Y
8
2
6
-
P
T
F
l
a
ir
e
S
2
0
3
Y
8
2
6
-
P
T
F
r
e
w
o
P
e
l
b
a
c
,r
o
t
o
m
,
d
a
e
H
c
i
g
o
l
2
0
4
Y
8
2
6
-
P
T
F
FTP-628CU601R
FTP-628DSL602R (V2.0)
USB
USB
FTP-629Y301


Similar Part No. - FTP-628CU301R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628CU301 FUJITSU-FTP-628CU301 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-628CU301 FUJITSU-FTP-628CU301 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
More results

Similar Description - FTP-628CU301R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628MCL401 FUJITSU-FTP-628MCL401 Datasheet
604Kb / 9P
   Battery Driven FTP-608 Series 2??high speed thermal p rinter
FTP-628MCL701 FUJITSU-FTP-628MCL701 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com