Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-020 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTP-020
Description  THERMO-SENSITIVE PAPER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-020 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTP-020 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-020 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-020 Datasheet HTML 3Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
FTP-020P / 030P / 040P Series
n
ShElF liFE oF ThERMAl PAPER
1. ShElF liFE oF UnPRinTEd PAPER
Storage conditions:
Storeindarkplaceat23˚Cand50%RHwithoutremovingoriginalpackaging(notindirect
sunlight)
DonotstoreinareathatmaybesubjectedtothepresenceofNOx,SOx,orOzone
Under the above conditons, we guarantee the original image development capability at time of
manufacture will be maintained for 5 years minimum.
2. iMAgE liFE AFTER dEVEloPMEnT
Storage conditions:
Storeindarkplaceat23˚Cand50%RH(notindirectsunlight)
Mustnotcomeintocontactwithplasticmatter(plasticfile,deskmat,etc.)
MustnotcomeintocontactwithNOx,SOx,andOzone
Mustnotcomeintocontactwithoils,fats,solvents,chemicals(drugs,cosmetics)
Mustnotcomeintocontactwithstationarysuchasadhesivetape,fluorescentpens,oil-based
pens,non-starchglue,etc
Must not come into contact with water
Must not be stamped on either side
Undertheabovecircumstances,weguaranteethethermalimagedevelopedatasensitivenessofOD
.0 will maintain its legibility for 5 years minimum.
Japan
FujitsuComponentLimited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo1418630,Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email: promothq@fcl.fujitsu.com
Web: www.fcl.fujitsu.com
north and South America
FujitsuComponentsAmerica,Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components/
Europe
FujitsuComponentsEuropeB.V.
Diamantlaan 25
2132WVHoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
FujitsuComponentsAsiaLtd.
02E Pasir Panjang Road
#01-01CitilinkWarehouseComplex
Singapore118529
Tel: (65) 6375-8560
Fax: (65) 6273-302
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2009FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective
owners.
FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour
productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice.
Rev.February26,2009.


Similar Part No. - FTP-020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTP-1000 ETC-FTP-1000 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
Contec Co., Ltd
FTP-15 CONTEC-FTP-15 Datasheet
94Kb / 1P
   Terminal Accessory for Analog Board E Series/ M3 Screw Lock
logo
List of Unclassifed Man...
FTP-1500 ETC-FTP-1500 Datasheet
13Mb / 28P
   Digital Fiber Sensor
FTP-500 ETC-FTP-500 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
Fujitsu Component Limit...
FTP-621CU102 FUJITSU-FTP-621CU102 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
More results

Similar Description - FTP-020

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
   Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
   Mini Thermo-Anemometer Series
logo
List of Unclassifed Man...
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
   Thermo-electric Coolers
logo
Extech Instruments Corp...
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
   EzFlex Thermo-Anemometer
45160 EXTECH-45160 Datasheet
186Kb / 1P
   Pocket Hygro-Thermo-Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
   CFM/CMM Thermo Anemometer
logo
Jingjing Microelectroni...
EG4001 EGMICRO-EG4001 Datasheet
796Kb / 13P
   Infrared thermo-electrodynamIc chip
logo
Extech Instruments Corp...
407123 EXTECH-407123 Datasheet
99Kb / 8P
   Hot Wire Thermo-Anemometer
logo
List of Unclassifed Man...
A111 ETC1-A111 Datasheet
259Kb / 2P
   Thermo Scientific Orion Star
logo
Extech Instruments Corp...
45118 EXTECH-45118 Datasheet
63Kb / 1P
   Mini Thermo-Anemometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com