Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA78 Datasheet(PDF) 4 Page - Bytes

Part # SA78
Description  500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SA78 Datasheet(HTML) 4 Page - Bytes

  SA78 Datasheet HTML 1Page - Bytes SA78 Datasheet HTML 2Page - Bytes SA78 Datasheet HTML 3Page - Bytes SA78 Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
500 Watt Axial Lead TVS
UNI
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
DIRECTIONAL STAND-OFF
VOLTAGE
VOLTAGE
CURRENT CLAMPING
PULSE
LEAKAGE
PART
VOLTAGE
VBR (V)
VRB (V)
IT
VOLTAGE
CURRENT
@ VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
µ
SA43
43.00
47.80
58.40
1
76.7
6.6
3
SA130
130.00
144.00
176.00
1
230.0
2.2
3
SA70
70.00
77.80
95.10
1
125.0
4.1
3
SA54
54.00
60.00
73.30
1
96.3
5.3
3
SA180
180.00
200.00
244.00
1
320.0
1.6
3
SA90
90.00
100.00
122.00
1
160.0
3.2
3
SA48
48.00
53.30
65.20
1
85.5
6.0
3
SA160
160.00
178.00
218.00
1
287.0
1.7
3
SA78
78.00
86.70
106.00
1
139.0
3.7
3
SA60
60.00
66.70
81.50
1
107.0
4.8
3
SA110
110.00
122.00
149.00
1
196.0
2.6
3
SA45
45.00
50.00
61.10
1
80.3
6.4
3
SA150
150.00
167.00
204.00
1
268.0
1.9
3
SA75
75.00
83.30
102.00
1
134.0
3.8
3
SA58
58.00
64.40
78.70
1
103.0
5.0
3
SA100
100.00
111.00
136.00
1
179.0
2.8
3
SA51
51.00
56.70
69.30
1
91.1
5.6
3
SA170
170.00
189.00
231.00
1
304.0
1.7
3
SA85
85.00
94.40
115.00
1
151.0
3.4
3
SA64
64.00
71.10
86.90
1
114.0
4.5
3
SA120
120.00
133.00
163.00
1
214.0
2.4
3
SA43A
43.00
47.80
52.80
1
69.4
7.3
3
SA130A
130.00
144.00
159.00
1
209.0
2.4
3
SA70A
70.00
77.80
86.00
1
113.0
4.5
3
SA54A
54.00
60.00
66.30
1
87.1
5.9
3
SA180A
180.00
200.00
233.00
1
289.0
1.7
3
SA90A
90.00
100.00
111.00
1
146.0
3.5
3
SA48A
48.00
53.30
58.90
1
77.4
6.6
3
SA160A
160.00
178.00
197.00
1
259.0
2.0
3
SA78A
78.00
86.70
95.80
1
126.0
4.0
3
SA60A
60.00
66.70
73.70
1
96.8
5.3
3
SA110A
110.00
122.00
135.00
1
177.0
2.9
3
SA45A
45.00
50.00
55.30
1
72.7
7.0
3
SA150A
150.00
167.00
185.00
1
243.0
2.1
3
SA75A
75.00
83.30
92.10
1
121.0
4.2
3
SA58A
58.00
64.40
71.20
1
93.6
5.4
3
SA100A
100.00
111.00
123.00
1
162.0
3.1
3
SA51A
51.00
56.70
62.70
1
82.4
6.2
3
SA170A
170.00
189.00
209.00
1
275.0
1.9
3
SA85A
85.00
94.40
104.00
1
137.0
3.7
3
SA64A
64.00
71.10
78.60
1
103.0
5.0
3
SA120A
120.00
133.00
147.00
1
193.0
2.6
3


Similar Part No. - SA78

ManufacturerPart #DatasheetDescription
logo
RFE international
SA78 RFE-SA78 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Pan Jit International I...
SA78 PANJIT-SA78 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Galaxy Semi-Conductor H...
SA78 BILIN-SA78 Datasheet
86Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA78 TSC-SA78 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
UN Semiconducctor INC
SA78 UNSEMI-SA78 Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SA78

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com