Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1K10TC100-3N Datasheet(PDF) 55 Page - Altera Corporation

Part # EP1K10TC100-3N
Description  Programmable Logic Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1K10TC100-3N Datasheet(HTML) 55 Page - Altera Corporation

Back Button EP1K10TC100-3N Datasheet HTML 51Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 52Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 53Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 54Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 55Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 56Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 57Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 58Page - Altera Corporation EP1K10TC100-3N Datasheet HTML 59Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Altera Corporation
55
ACEX 1K Programmable Logic Device Family Data Sheet
13
tCASC
Cascade-in to cascade-out delay
tC
LE register control signal delay
tCO
LE register clock-to-output delay
tCOMB
Combinatorial delay
tSU
LE register setup time for data and enable signals before clock; LE register
recovery time after asynchronous clear, preset, or load
tH
LE register hold time for data and enable signals after clock
tPRE
LE register preset delay
tCLR
LE register clear delay
tCH
Minimum clock high time from clock pin
tCL
Minimum clock low time from clock pin
Table 23. IOE Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tIOD
IOE data delay
tIOC
IOE register control signal delay
tIOCO
IOE register clock-to-output delay
tIOCOMB
IOE combinatorial delay
tIOSU
IOE register setup time for data and enable signals before clock; IOE register
recovery time after asynchronous clear
tIOH
IOE register hold time for data and enable signals after clock
tIOCLR
IOE register clear time
tOD1
Output buffer and pad delay, slow slew rate = off, VCCIO = 3.3 V
C1 = 35 pF (2)
tOD2
Output buffer and pad delay, slow slew rate = off, VCCIO = 2.5 V
C1 = 35 pF (3)
tOD3
Output buffer and pad delay, slow slew rate = on
C1 = 35 pF (4)
tXZ
IOE output buffer disable delay
tZX1
IOE output buffer enable delay, slow slew rate = off, VCCIO = 3.3 V
C1 = 35 pF (2)
tZX2
IOE output buffer enable delay, slow slew rate = off, VCCIO = 2.5 V
C1 = 35 pF (3)
tZX3
IOE output buffer enable delay, slow slew rate = on
C1 = 35 pF (4)
tINREG
IOE input pad and buffer to IOE register delay
tIOFD
IOE register feedback delay
tINCOMB
IOE input pad and buffer to FastTrack Interconnect delay
Table 22. LE Timing Microparameters (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions


Similar Part No. - EP1K10TC100-3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EP1K10TC144-3N ALTERA-EP1K10TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results

Similar Description - EP1K10TC100-3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com