Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDR22422 Datasheet(PDF) 3 Page - TRACO Electronic AG

Part No. TDR22422
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRACOPOWER [TRACO Electronic AG]
Homepage  http://www.tracopower.com
Logo 

TDR22422 Datasheet(HTML) 3 Page - TRACO Electronic AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
TDR 2 Series
2 Watt
EMC Consideration
Recommended filter for
EN 55022 class A compliance
Input models C1
C3
L1
value
order code
(SMD type)
datasheet
5 VDC
10 µF / 25 V 1812 MLCC
2.2 µH
TCK-059
www.tracopower.com/products/tck059.pdf
12 VDC
6.8 µF / 50 V 1812 MLCC
24 VDC
4.7 µF / 50 V 1812 MLCC
220pF / 3 kV 1808 MLCC
18 µH
TCK-046
www.tracopower.com/products/tck046.pdf
48 VDC
4.7 µF / 100 V 1812 MLCC
General Specifications
Humidity (non condensing)
5 % to 90 % rel. H max.
Thermal shock
acc. MIL-STD-810F
Vibration
acc. MIL-STD-810F
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>2.8 Mio h
Isolation voltage (60sec.)
– Input/Output
1500 VDC
Isolation capacitance
– Input/Output
50 pF max.
Isolation resistance
– Input/Output (500 VDC)
>10 GOhm
Altitude during operation
tba.
Safety standard (designed to meet)
IEC/EN 60950-1, UL 60950-1
Safety approvals
– UL/cUL
www.ul.com -> certifications -> File: e188913
Switching frequency
100 kHz (PWM)
Remote On/Off
– On:
open or high impedance
– Off:
2...4 mA current applied via 1KOhm resistor
– Off stand by input current
2.5 mA max.
Environmental compliance
– Reach
www.tracopower.com/products/tdr2-reach.pdf
– RoHS
RoHS directive 2011/65/EU
TDR 2
dc/dc-converter
L1
C1
C3
+Vin
-Vin
+Vout
-Vout
Com
2)
1)
Input models C1 & C2
C3
L1
value
order code
(SMD type)
datasheet
5 VDC
10 µF / 25 V 1812 MLCC
2.2 µH
TCK-059
www.tracopower.com/products/tck059.pdf
12 VDC
18 µH
TCK-046
www.tracopower.com/products/tck046.pdf
24 VDC
2.2 µF / 50 V 1812 MLCC
220pF / 3 kV 1808 MLCC
27 µH
TCK-063
www.tracopower.com/products/tck063.pdf
48 VDC
2.2 µF / 100 V 1812 MLCC
18 µH
TCK-046
www.tracopower.com/products/tck046.pdf
Recommended filter for
EN 55022 class B compliance
TDR 2
dc/dc-converter
L1
C1
C2
C3
+Vin
-Vin
+Vout
-Vout
2)
1)
Com.
1) for single output models
2) for dual output models
1) for single output models
2) for dual output models


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn