Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8870CS Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM8870CS
Description  CMOS Integrated DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM8870CS Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM8870CS Datasheet HTML 1Page - California Micro Devices Corp CM8870CS Datasheet HTML 2Page - California Micro Devices Corp CM8870CS Datasheet HTML 3Page - California Micro Devices Corp CM8870CS Datasheet HTML 4Page - California Micro Devices Corp CM8870CS Datasheet HTML 5Page - California Micro Devices Corp CM8870CS Datasheet HTML 6Page - California Micro Devices Corp CM8870CS Datasheet HTML 7Page - California Micro Devices Corp CM8870CS Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
9/28/2000
5
CM8870/70C
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Functional Description
The CAMD CM8870/70C DTMF Integrated Receiver provides
the design engineer with not only low power consumption, but
high performance in a small 18-pin DIP, SOIC, or 20-pin PLCC
package configuration. The CM8870/70C’s internal architec-
ture consists of a bandsplit filter section which separates the
high and low tones of the received pair, followed by a digital
decode (counting) section which verifies both the frequency
and duration of the received tones before passing the result-
ant 4-bit code to the output bus.
Filter Section
Separation of the low-group and high-group tones is achieved
by applying the dual-tone signal to the inputs of two 9th-order
switched capacitor bandpass filters. The bandwidths of these
filters correspond to the bands enclosing the low-group and
high-group tones (See Figure 3). The filter section also
incorporates notches at 350 Hz and 440 Hz which provides
excellent dial tone rejection. Each filter output is followed by a
single order switched capacitor section which smooths the
signals prior to limiting. Signal limiting is performed by high-
gain comparators. These comparators are provided with a
hysteresis to prevent detection of unwanted low-level signals
and noise. The outputs of the comparators provide full-rail
logic swings at the frequencies of the incoming tones.
Decoder Section
The CM8870/70C decoder uses a digital counting technique
to determine the frequencies of the limited tones and to verify
that these tones correspond to standard DTMF frequencies.
A complex averaging algorithm is used to protect against tone
simulation by extraneous signals (such as voice) while
providing tolerance to small frequency variations. The
averaging algorithm has been developed to ensure an
optimum combination of immunity to “talk-off” and tolerance to
the presence of interfering signals (third tones) and noise.
When the detector recognizes the simultaneous presence of
two valid tones (known as “signal condition”), it raises the
“Early Steering” flag (ESt). Any subsequent loss of signal
condition will cause ESt to fall.
Steering Circuit
Before the registration of a decoded tone pair, the receiver
checks for a valid signal duration (referred to as “character-
recognition-condition”). This check is performed by an
external RC time constant driven by E
St.
A logic high on ESt
causes V
C (See Figure 4) to rise as the capacitor discharges.
Providing signal condition is maintained (ESt remains high) for
the validation period (t
GTP), VC reaches the threshold (VTSt) of
the steering logic to register the tone pair, thus latching its
corresponding 4-bit code (See Figure 2) into the output latch.
At this point, the GT output is activated and drives VC to V
DD.
GT continues to drive high as long as ESt remains high,
signaling that a received tone pair has been registered. The
contents of the output latch are made available on the 4-bit
output bus by raising the three-state control input (TOE) to a
logic high. The steering circuit works in reverse to validate the
interdigit pause between signals. Thus, as well as rejecting
signals too short to be considered valid, the receiver will
tolerate signal interruptions (drop outs) too short to be
considered a valid pause. This capability together with the
capability of selecting the steering time constants externally,
allows the designer to tailor performance to meet a wide
variety of system requirements.
Guard Time Adjustment
In situations which do not require independent selection of
receive and pause, the simple steering circuit of Figure 4 is
applicable. Component values are chosen according to the
following formula:
t
REC = tDP + tGTP
t
GTP » 0.67 RC
The value of t
DP is a parameter of the device and tREC is the
minimum signal duration to be recognized by the receiver. A
value for C of 0.1 uF is recommended for most applications,
leaving R to be selected by the designer. For example, a
suitable value of R for a t
REC of 40 milliseconds would be 300K.
A typical circuit using this steering configuration is shown in
Figure 1. The timing requirements for most telecommunica-
tion applications are satisfied with this circuit. Different
steering arrangements may be used to select independently
the guardtimes for tone-present (t
GTP) and tone absent (tGTA).
This may be necessary to meet system specifications which
place both accept and reject limits on both tone duration and
interdigit pause.
Guard time adjustment also allows the designer to tailor
system parameters such as talk-off and noise immunity.
Increasing t
REC improves talk-off performance, since it reduces
the probability that tones simulated by speech will maintain
signal condition for long enough to be registered. On the
other hand, a relatively short t
REC with a long tDO would be
appropriate for extremely noisy environments where fast
acquisition time and immunity to drop-outs would be require-
ments. Design information for guard time adjustment is shown
in Figure 5.
Input Configuration
The input arrangement of the CM8870/70C provides a
differential input operational amplifier as well as a bias source
(V
REF) which is used to bias the inputs at mid-rail.
Provision is made for connection of a feedback resistor to the
op-amp output (GS) for adjustment of gain.
In a single-ended configuration, the input pins are connected
as shown in Figure 1, with the op-amp connected for unity
gain and VREF biasing the input at ½ V
DD. Figure 6 shows the
differential configuration, which permits the adjustment of gain
with the feedback resistor R5.
Clock Circuit
The internal clock circuit is completed with the addition of a
standard television color burst crystal or ceramic resonator
having a resonant frequency of 3.579545 MHz. The
CM8870C in a PLCC package has a buffered oscillator output
(OSC3) that can be used to drive clock inputs of other devices
such as a microprocessor or other CM887X’s as shown in
Figure 7. Multiple CM8870/70Cs can be connected as shown
in figure 8 such that only one crystal or resonator is required.


Similar Part No. - CM8870CS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM88 CML-CM88 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM88 VCC-CM88 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM8805 CML-CM8805 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM8805 VCC-CM8805 Datasheet
44Kb / 1P
   Wedge Base
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM8870CS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com