Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88JC2-252 Datasheet(PDF) 5 Page - Grayhill, Inc

Part # 88JC2-252
Description  Sealed, Flange Mounted
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

88JC2-252 Datasheet(HTML) 5 Page - Grayhill, Inc

  88JC2-252 Datasheet HTML 1Page - Grayhill, Inc 88JC2-252 Datasheet HTML 2Page - Grayhill, Inc 88JC2-252 Datasheet HTML 3Page - Grayhill, Inc 88JC2-252 Datasheet HTML 4Page - Grayhill, Inc 88JC2-252 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Standard Keypads
PANEL SEAL GASKETS
Subpanel Mounting
Topside Mounting
Subpanel 3x4
Part No. 88M2001-2
Subpanel 4x4
Part No. 88M2009-2
Subpanel 5x4
Part No. 88M2019-1
Topside 3x4
Part No. 88M2012-1
Topside 4x4
Part No. 88M2015-1
Topside 5x4
Part No. 88M2018-1
Weatherproof and waterproof your subpanel
and topside mounted keyboards with optional
panel seal gaskets.
Subpanel keyboard gasket is .062" (1,57 mm)
thick; topside keyboard gasket is .094" (2,39
mm).
Material is cellulose fiber, foam, nitrile rubber.
Order gaskets separately from keyboard.
DIM. A
DIM. B
2.710
± .005
(68,83
± 0,13)
3.200
± .005
(81,28
± 0,13)
DIM. C
2.850
± .005
(72,39
± 0,13)
2.500
± .005
(63,5
± 0,13)
DIM. D
Size of
Subpanel Mount
Topside Mount
Keyboard
Dim. A
Dim. B
Dim. C
Dim. D
3x4
2.010 ± .005
2.400 ± .005
1.800 ± .005
2.040 ± .005
(51,05 ± 0,.13)
(60,96 ± 0,13)
(45,72 ± 0,13)
(51,82 ± 0,13)
4x4
2.510 ± .005
2.900 ± .005
2.300 ± .005
2.540 ± .005
(63,75 ± 0,13)
(73,66 ± 0,13)
(58,42 ± 0,13)
(64,52 ± 0,13)
5x4
3.010 ± .005
3.400 ± .005
2.800 ± .005
3.040 ± .005
(76,45 ± 0,13)
(86,36 ± 0,13)
(71,12 ± 0,13)
(77,22 ± 0,13)
INSTANT CUSTOM LEGENDS
Available through Distributors
Create your own legends using these 3 items:
1) a blank keyboard, 2) the clear window
overlays shown on Standard Legend page
and 3) a sheet of legend inserts.
Blank Keyboards
The numbers below order blank keyboards for
the user to legend. For description, refer to the
part numbering scheme below. The keyboards
and overlays are ordered separately.
3x4 Matrix
Part No. 88AB2
3x4 SP/Com Bus
Part No. 88AC2
4x4 Matrix
Part No. 88BB2
4x4 SP/Com Bus
Part No. 88BC2
5x4 Matrix
Part No. 88JB2
5x4 SP/Com Bus
Part No. 88JC2
Legend Insert Sheet and Dry Transfers
Self-adhesive inserts are die-cut to fit the
ORDERING INFORMATION
Grayhill Series Number
Size Option
A = 3x4
B = 4x4
J = 5x4
Circuitry Option
B2 = Matrix code
C2 = Single pole/common bus
88AB2–152
Standard Legend Choices
3x4 Size: -143, -152, or -172
4x4 Size: -052, -072 or -082
5x4 Size: -252 or -262
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
button. Legends are printed in black on clear
film in News Gothic Condensed type style.
They include letters A through Z, numbers 0-
69, telephone legends, commonly used words,
symbols and blanks.
Part No. 87AC2046
Use matching dry transfer lettering on blank
inserts of legend sheet: upper and lower case
letters, 0-9, and common symbols.
Small Print
Part No. 87-DT-2096-088
Medium Print
Part No. 87-DT-2096-125
Large Print
Part No. 87-DT-2096-187
Clear Window Overlays
Order separately from keyboards. See also
ordering information.
3x4 Overlay
Part No. 88-101
4x4 Overlay
Part No. 88-001
5x4 Overlay
Part No. 88-201
PRINTED LEGENDS
Not available through Distributors. For
medium volume applications, or where legends
cannot be produced by the self legend method,
you can order epoxy ink printed legends.
Virtually anything which can be photographed
can be printed. Grayhill will print your legend and
then add the clear window overlay.
Type
Simulated
Character & Line
I.D. No.
Style & Size
Limitations *
4GH088
1GH125
3GH187
2GH250
ABCDEFGH
ABCDE
ABCD
END
DATA
LAD
ON
15
ABC
Keypads
36


Similar Part No. - 88JC2-252

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88JC2-252 GRAYHILL-88JC2-252 Datasheet
379Kb / 5P
   Sealed, Flange Mounted
More results

Similar Description - 88JC2-252

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88AB2-172 GRAYHILL-88AB2-172 Datasheet
379Kb / 5P
   Sealed, Flange Mounted
86JB2-101 GRAYHILL-86JB2-101 Datasheet
1Mb / 4P
   Unsealed, .500" Centers, Flange Mounted
logo
Tyco Electronics
DMI-18A MACOM-DMI-18A Datasheet
210Kb / 2P
   Flange Mounted Double-Balanced Mixers
logo
List of Unclassifed Man...
TMF ETC2-TMF Datasheet
136Kb / 1P
   EM Clutch (with flange mounted field)
logo
Grayhill, Inc
04J-BP-T01 GRAYHILL-04J-BP-T01 Datasheet
527Kb / 1P
   Sealed against contamination when properly mounted
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
   MX150L??4 Circuit Rear Mount Flange Sealed
logo
Glenair, Inc.
IT40460-10 GLENAIR-IT40460-10 Datasheet
365Kb / 1P
   Connector Mounting Gasket for Rear-Mounted Square Flange Receptacle
IT40450-10 GLENAIR-IT40450-10 Datasheet
369Kb / 2P
   Connector Mounting Gaskets for Front-Mounted Square Flange Receptacle
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
9422TEN10 SCHNEIDER-9422TEN10 Datasheet
118Kb / 2P
   Operating mechanism, flange mounted, variable depth, 100A, 600V, no fuse, switch mechanism
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com