Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMV1026YR Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CMV1026YR
Description  MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMV1026YR Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CMV1026YR Datasheet HTML 4Page - California Micro Devices Corp CMV1026YR Datasheet HTML 5Page - California Micro Devices Corp CMV1026YR Datasheet HTML 6Page - California Micro Devices Corp CMV1026YR Datasheet HTML 7Page - California Micro Devices Corp CMV1026YR Datasheet HTML 8Page - California Micro Devices Corp CMV1026YR Datasheet HTML 9Page - California Micro Devices Corp CMV1026YR Datasheet HTML 10Page - California Micro Devices Corp CMV1026YR Datasheet HTML 11Page - California Micro Devices Corp CMV1026YR Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
5/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
9
CALIFORNIA MICRO DEVICES
CMV1026
0
20
40
60
80
100
120
140
160
180
1.8
2.2
2.7
3.3
4
5
Turn ON Time Versus Supply Voltage
V
IN = 0.5*V+
V- = 0V
R
L = 10KΩ
T
A = 25°C
A
V = +1
Supply Voltage(V)


Similar Part No. - CMV1026YR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
CMV1020YR CALMIRCO-CMV1020YR Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
GREEGOO Electric Co.,Lt...
CMV102C GREEGOO-CMV102C Datasheet
1Mb / 2P
   CMV Micro Switch
CMV102D GREEGOO-CMV102D Datasheet
1Mb / 2P
   CMV Micro Switch
More results

Similar Description - CMV1026YR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMV1016 CALMIRCO-CMV1016 Datasheet
353Kb / 12P
   MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
CMV1036 CALMIRCO-CMV1036 Datasheet
341Kb / 12P
   MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
PRC1284 CALMIRCO-PRC1284 Datasheet
40Kb / 2P
   MICROPOWER PRO OPERATIONAL AMPLIFIER WITH SHUTDOWN
CMV1010 CALMIRCO-CMV1010 Datasheet
276Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
CMV1030 CALMIRCO-CMV1030 Datasheet
168Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com