Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM88L70PI Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM88L70PI
Description  CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM88L70PI Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM88L70PI Datasheet HTML 1Page - California Micro Devices Corp CM88L70PI Datasheet HTML 2Page - California Micro Devices Corp CM88L70PI Datasheet HTML 3Page - California Micro Devices Corp CM88L70PI Datasheet HTML 4Page - California Micro Devices Corp CM88L70PI Datasheet HTML 5Page - California Micro Devices Corp CM88L70PI Datasheet HTML 6Page - California Micro Devices Corp CM88L70PI Datasheet HTML 7Page - California Micro Devices Corp CM88L70PI Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 California Micro Devices Corp. All rights reserved.
8/16/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CM88L70/70C
CALIFORNIA MICRO DEVICES
Explanation of Events
A) Tone bursts detected, tone duration invalid, outputs not
updated.
B) Tone #n detected, tone duration valid, tone decoded and
latched in outputs.
C) End of tone #n detected, tone absent duration valid,
outputs remain latched until next valid tone.
D) Outputs switched to high impedance state.
E) Tone #n + 1 detected, tone duration valid, tone decoded
and latched in outputs (currently high impedance).
F) Acceptable dropout of tone #n + 1, tone absent duration
invalid, outputs remain latched.
G) End of tone #n + 1 detected, tone absent duration valid,
outputs remain latched until next valid tone.
Explanation of Symbols
V
IN
DTMF composite input signal.
ESt
Early Steering Output. Indicates detection
of valid tone frequencies.
St/GT
Steering input/guard time output. Drives
external RC timing circuit.
Q1-Q4 4-bit decoded tone output.
StD
Delayed Steering Output. Indicates that
valid frequencies have been present/absent
for the required guard time, thus constituting
a valid signal.
TOE
Tone Output Enable (input). A low level
shifts Q1-Q4 to its high impedance state.
t
REC
Maximum DTMF signal duration not
detected as valid.
t
REC
Minimum DTMF signal duration required
for valid recognition.
t
ID
Minimum time between valid DTMF signals.
tDO
Maximum allowable drop-out during valid
DTMF signal.
tDP
Time to detect the presence of valid
DTMF signals.
tDA
Time to detect the absence of valid
DTMF signals.
tGTP
Guard time, tone present.
t
GTA
Guard time, tone absent.


Similar Part No. - CM88L70PI

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM88 CML-CM88 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM88 VCC-CM88 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM8805 CML-CM8805 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM8805 VCC-CM8805 Datasheet
44Kb / 1P
   Wedge Base
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM88L70PI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com