Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S322KFKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-S322KFKT
Description  ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S322KFKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-S322KFKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S322KFKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
S322KFKT
45.0
90.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
S322KFKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
S322KFKT
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
S322KFKT
605
nm
Note 3
Spectral Line Half-Width
Δλ
S322KFKT
17
nm
Forward Voltage
VF
S322KFKT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
S322KFKT
10
μA
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part
No. : LTST-S322KFKT
Page :
4
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S322KFKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S320EKT LITEON-LTST-S320EKT Datasheet
328Kb / 6P
   Side looking special for LCD backlight
LTST-S320GKT LITEON-LTST-S320GKT Datasheet
325Kb / 6P
   EIA STD package
LTST-S320KDKT LITEON-LTST-S320KDKT Datasheet
483Kb / 12P
   SMD LED
LTST-S320KFKT LITEON-LTST-S320KFKT Datasheet
732Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S320KFKT TO-GRACE-LTST-S320KFKT Datasheet
864Kb / 12P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S322KFKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320KSKT LITEON-LTST-S320KSKT_14 Datasheet
487Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S321KSKT-5A LITEON-LTST-S321KSKT-5A Datasheet
574Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KFKT LITEON-LTST-S220KFKT_14 Datasheet
308Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S220TBKT LITEON-LTST-S220TBKT_14 Datasheet
311Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S326KFKGKT LITEON-LTST-S326KFKGKT Datasheet
433Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KGKT LITEON-LTST-S220KGKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S220KSKT LITEON-LTST-S220KSKT_14 Datasheet
323Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com