Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S321TGKT-5A Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-S321TGKT-5A
Description  ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S321TGKT-5A Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-S321TGKT-5A Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S321TGKT-5A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
S321TGKT-5A
28.0
180.0
mcd
IF = 5mA
Note 1
Viewing Angle
2θ1/2
S321TGKT-5A
130
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
S321TGKT-5A
530
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
S321TGKT-5A
520
530
540
nm
IF = 5mA
Note 3
Spectral Line Half-Width
Δλ
S321TGKT-5A
35
nm
Forward Voltage
VF
S321TGKT-5A
2.60
-
3.20
V
IF = 5mA
Reverse Current
IR
S321TGKT-5A
10
μA
VR = 5V
Note 5
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. Reverse voltage (VR) condition is applied to IR test only. The device is not designed for reverse operation
Part
No. : LTST-S321TGKT-5A
Page :
4
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S321TGKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S321TGKT LITEON-LTST-S321TGKT Datasheet
745Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S321TGKT TO-GRACE-LTST-S321TGKT Datasheet
982Kb / 12P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S321TGKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S320ZBKT-5A LITEON-LTST-S320ZBKT-5A_14 Datasheet
416Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
LTST-S321TGKT LITEON-LTST-S321TGKT Datasheet
745Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
LTST-S321TBKT LITEON-LTST-S321TBKT Datasheet
745Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
LTST-S327TBKFKT LITEON-LTST-S327TBKFKT Datasheet
370Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright InGaN/AlInGaP Chip LED
LTST-S326TBKFKT LITEON-LTST-S326TBKFKT_14 Datasheet
371Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright InGaN/AlInGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com