Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C1015-1 Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 10C1015-1
Description  SEALED TERMINAL AND WIRE LEAD OPTIONS OPTION -E AND -EW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

10C1015-1 Datasheet(HTML) 3 Page - Grayhill, Inc

  10C1015-1 Datasheet HTML 1Page - Grayhill, Inc 10C1015-1 Datasheet HTML 2Page - Grayhill, Inc 10C1015-1 Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Pushbutton Options and Accessories
Decorative Mounting Nuts
30C1023-1
Brass, nickel-plated
for 1/4" (6,35)
bushing.
Thermosetting plastic (Fasten to
button
with
cyanoacrylate
adhesive) black, red or white.
For use with all Series 30 and 39
switches except part number
39-101. See switch pages.
30B1012
07Z1047
Brass, nickel-plated
for 5/16" (7,93)
bushing.
23C1024-1
07C1040-1
Brass, nickel-plated for
15/32" (11,9) bushing.
10C1015-1
Brass, zinc trivalent
chromate-plated for 15/
32" (11,9) bushing.
Thermoplastic, black or red
color.
For use with Series 2000 and
Series 7 switches. See switch
pages.
Button Caps and Guard
Decorative
Mounting Nuts
Button
Caps
Button
Guard
Pendant Housing
DIMENSIONS
In Inches (and millimeters)
Remote Switching Accessories
Pendant Housing and Caps
Housing
Material: Thermoplastic
Specials: other colors available on
special order.
Application:
All grayhill pushbutton switches with 15/32-32 bushings: catalog numbers 2201,
2202, 07-7, 07-8, 07-21, 07-22, 07-26, 4001, 4002, 10-9, 10-10, 10-100, 10-101,
30-16, 30-17 and 30-32. any other switch with 15/32-32 bushing if it fits housing.
Recessed Cap
07Z4950
07Z5051
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor, or Grayhill.
Part
Number
Description
07Z4950 RED Red Flat Cap & Housing
07Z4950 BLK Black Flat Cap & Housing
07Z5051 RED Red Rcssd Cap & Housing
07Z5051 BLK Black Rcssd Cap & Housing
Sold only as sets of one housing and one cap.
Pendant Housing and Caps
Part
Number
Color
07C1040-1
Decorative Nut
23C1024
Decorative Nut
30C1023-1
Decorative Nut
07Z1047-1 BLK
Black Button Cap
07Z1047-2 RED
Red Button Cap
10C1015-1
Button Guard
30B1012-5
Red Cap
30B1012-8
White Cap
30B1012-9
Black Cap
ORDERING INFORMATION:
Mounting Nuts, Button Caps, and Guards
.44 (11,2)
ACROSS
FLATS
.46
(11,7)
DIA.
.09 (2,3)
.50 (12,7)
ACROSS
FLATS
.52
(13,2)
DIA.
.09 (2,3)
.77
(19,6)
DIA.
.75 (19,1)
ACROSS
FLATS
.12 (3,1)
.34 (8,6)
1.00
(25,4)
DIA.
.19
(4,8)
.25
(6,4)
DIA.
.09
(2,3)
.89 (22,6)
DIA.
.41
(10,4)
.89
(22,6)
.33 (8,4)
REF.
1.19
(30,2)
.48 (12,2)
.08 (2,0)
ACCESSORIES
For Pushbutton Switches
2.45 (62,23)
.42 (10,67)
1.03
(26,16)
1.19
(30,2)
.27 (6,86) DIA.
.89
(22,6)
.48 (12,2)
1.04
(26,4)
1.19 (30,2)
.08 (2,03)
.25
(6,4)
.59
(15,0)
Flat Cap
Pushbutton
62


Similar Part No. - 10C1015-1

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10C1015-1 GRAYHILL-10C1015-1 Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
10C1015-1 GRAYHILL-10C1015-1 Datasheet
79Kb / 1P
   SPST and SPDT, 10 Amp Momentary Contact
10C1015-1 GRAYHILL-10C1015-1 Datasheet
63Kb / 1P
   Momentary or Momentary With Positive Feel
More results

Similar Description - 10C1015-1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P260 TTELEC-P260 Datasheet
1Mb / 7P
   Detent and wire lead options
logo
List of Unclassifed Man...
HC-49 ETC-HC-49 Datasheet
54Kb / 2P
   Tape and Reel, insulator tab,3-lead,and custom lead length options available
LB69-3080 ETC2-LB69-3080 Datasheet
266Kb / 3P
   Options and ordering codes
logo
Amphenol Corporation
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TT Electronics.
OPB815L TTELEC-OPB815L Datasheet
295Kb / 4P
   Deep Gap Slotted Switch with Wire and Connector Options
logo
Mallory performance clu...
1266 MALLORY-1266 Datasheet
88Kb / 1P
   SPARK PLUG WIRE TERMINAL AND BOOT
1266CT MALLORY-1266CT Datasheet
89Kb / 1P
   SPARK PLUG WIRE TERMINAL AND BOOT
logo
List of Unclassifed Man...
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
   Various cable and connector options
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com