Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM5136PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM5136PM
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM5136PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM5136PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +85 ºC
Frequency
10 - 200 MHz
10 - 200 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +52 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +45 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +33 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -40 ºC
Power
Vdc
+15
+15
mA
70
70 Max.
RF AMPLIFIER
MODEL
TM5136PM
Available as:
TM5136PM, 4 Pin TO-8 (T4)
TN5136PM, 4 Pin Surface Mount (SM3)
FP5136PM, 4 Pin Flatpack (FP4)
BX5136PM, Connectorized Housing (H1)
Features
!
!
!
!
! Superior Phase Noise Performance
!
!
!
!
! High Gain: 20 dB Typical
!
!
!
!
! High Output Power: +21 dBm Typical
!
!
!
!
! Operating Temp. -40 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.0
4.4 Max.
VSWR
In
1.5:1
1.5:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-26
-25 Min.
Power @ 1 dB
Comp. (dBm)
+21
+19 Min.
Gain (dB)
20.0
19.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
3/31/04
======================================================================================
10
20
50
100
150
200
250
.27
.25
.24
.22
.21
.26
.38
- 24
- 19
- 28
- 57
-100
-153
-165
9.55
9.73
9.88
10.04
10.13
9.92
9.25
-168
-179
166
146
125
103
79
.054
.055
.054
.056
.055
.055
.049
-167
-177
162
135
113
88
69
.22
.19
.18
.20
.22
.25
.28
-23
-19
-22
-45
-75
-113
-156
Linear S-Parameters
Freq.
MHz
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
----S11----
----S22----
----S12----
----S21----
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee (Min.)
-151
-164
-169
-169
-155
-168
-172
-173
-173
-168
Guaranteed Phase Noise Performance (dBc/Hz)
Phase Noise (dBc/Hz)
2.0
1.5
1.0
2.0
1.5
1.0
2
6
4
22
20
18
22
21
20
19
18
0
-10
-20
-30
-40
5
3
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
21
19
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
10k
1k
100k
100
1M
-140
-150
-160
-170
-180
-130
_________Guarantee __ __ __ __Typical
-190
Phase Noise Test Conditions:
Carrier Frequency: 160 MHz
Power Output: +22 dBm
Temperature: 25 ºC
Agilent ES5500 System
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM5136PM

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM5136 SPECTRUM-TM5136 Datasheet
39Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM5136 APITECH-TM5136 Datasheet
40Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TM5136PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com