Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE11A Datasheet(PDF) 2 Page - Bytes

Part # P6KE11A
Description  600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

P6KE11A Datasheet(HTML) 2 Page - Bytes

  P6KE11A Datasheet HTML 1Page - Bytes P6KE11A Datasheet HTML 2Page - Bytes P6KE11A Datasheet HTML 3Page - Bytes P6KE11A Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (P6KE SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
µ
µ
µ
µ
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
T =25 C
A
FIG.2-PULSE DERATING CURVE
T , AMBIENT TEMPERATURE ( C)
A
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
tf=10 s
Peak Value
I
µ
PPM
Half Value-IPPM
2
10/1000 sec Waveform
as Defined by R.E.A.
µ
T =25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
A
1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
10
20
50
100
200
500
1,000
2,000
5,000
10,000
Measured at
Stand-Off
Voltage(V
)
MW
Measued at
Zero Bias
T =25 C
f=1.0MHz
Vsig=50mVp-p
J
0
25
50
75
100
125
150
175
200
0
1.25
2.50
3.75
5.00
FIG.5-STEADY STATE POWER DERATING CURVE
L=.375"(9.5mm)
40mm x 40mm x 1mm
Copper Heat Sink
(1.6" x 1.6" x .040")
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT, UNIDIRECTIONAL
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
40
60
80
100
T =T max
8.3ms Single Half Sine-wave
JEDEC Method
J
J
T , LEAD TEMPERATURE ( C)
L


Similar Part No. - P6KE11A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
P6KE11A UNIOHM-P6KE11A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
P6KE11A SHUNYE-P6KE11A Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE11A MOTOROLA-P6KE11A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Ruilongyuan Electronics...
P6KE11A RUILON-P6KE11A Datasheet
895Kb / 7P
   Transient Voltage Suppressors
logo
Littelfuse
P6KE11A LITTELFUSE-P6KE11A Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - P6KE11A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
   600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com