Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-S270KFKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTST-S270KFKT
Description  ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S270KFKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTST-S270KFKT_14 Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S270KFKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
SamLi20120117
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet ROHS, Green Product.
* Side Looking Chip LED With Tin Plating
* Ultra bright AlInGaP Chip LED.
* Package in 8mm tape on 7" diameter reels.
* EIA STD package.
* I.C. compatible.
* Compatible With Automatic Placement Equipment
* Compatible With Infrared Reflow Solder Process
Package
Dimensions
Part No.
Lens
Source Color
LTST-S270KFKT
Water Clear
AllnGaP Orange
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTST-S270KFKT
Page :
1
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S270KFKT_14

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-S270KFKT LITEON-LTST-S270KFKT_15 Datasheet
797Kb / 13P
   SMD LED
More results

Similar Description - LTST-S270KFKT_14

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KFKT LITEON-LTST-S271KFKT Datasheet
421Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KGKT LITEON-LTST-S271KGKT Datasheet
685Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KRWT LITEON-LTST-S271KRWT Datasheet
534Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S271KSKT LITEON-LTST-S271KSKT Datasheet
709Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KFKT LITEON-LTST-S221KFKT Datasheet
302Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S221KGKT LITEON-LTST-S221KGKT Datasheet
424Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KEKT LITEON-LTST-S270KEKT Datasheet
643Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S270KSKT LITEON-LTST-S270KSKT_14 Datasheet
401Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz