Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-S220TGKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTST-S220TGKT
Description  ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTST-S220TGKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Features
* Meet ROHS.
* Side Looking Chip LED with Tin Plating
* Ultra Bright InGaN Chip LED.
* Package in 8mm Tape on 7" Diameter Reels.
* EIA STD Package.
* I.C. Compatible.
* Compatible with Automatic Placement Equipment.
* Compatible with Infrared Reflow Solder Process.
Package
Dimensions
Part No.
Lens
Source Color
LTST-S220TGKT
Water Clear
InGaN Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part No. : LTST-S220TGKT
Page :
1
of
12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn