Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-S115TGKFKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part No. LTST-S115TGKFKT
Description  Meet ROHS, Green Product, Dual color chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTST-S115TGKFKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
TTLiu 2010-07-23
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics At Ta=25
°°°°C
LTST-S115TGKFKT
Parameter
Symbol
Green
Orange
Unit
Test Condition
MIN.
71.0
28.0
TYP.
-
-
Luminous Intensity
IV
MAX.
450.0
280.0
mcd
IF =20mA
Note 1
Viewing Angle
2
θ1/2
TYP.
130
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
TYP.
530
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
TYP.
525
605
nm
IF =20mA
Note 3
Spectral Line Half-Width
∆λ
TYP.
35
17
nm
TYP.
3.2
2.0
Forward Voltage
VF
MAX.
3.6
2.4
V
IF =20mA
Reverse Current
IR
MAX.
10
10
µA
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength,λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part
No. : LTST-S115TGKFKT
Page :
4
of
12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn