Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-S115TGKFKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTST-S115TGKFKT
Description  Meet ROHS, Green Product, Dual color chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTST-S115TGKFKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
TTLiu 2010-07-23
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet ROHS, Green Product.
* Dual color chip LED.
* Side Looking Special For LCD Backlight.
* Ultra bright AlInGaP / AlInGaP Chip LED.
* Package in 8mm tape on 7" diameter reels.
* Compatible with automatic placement equipment.
* Compatible with reflow solder process.
* EIA STD package.
* I.C. compatible.
Package
Dimensions
Devices
Part No.
Lens
Source Color
Pin Assignment
InGaN Green
C2
LTST-S115TGKFKT
Water Clear
AlInGaP Orange
C1
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTST-S115TGKFKT
Page :
1
of
12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn