Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S115KRKGKT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTST-S115KRKGKT
Description  Meet ROHS, HF, Green Product, Dual color chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S115KRKGKT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTST-S115KRKGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S115KRKGKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet ROHS, HF, Green Product.
* Dual color chip LED.
* Side Looking Special For LCD Backlight.
* Ultra bright AlInGaP / AlInGaP Chip LED.
* Package in 8mm tape on 7" diameter reels.
* Compatible with automatic placement equipment.
* Compatible with infrared reflow solder process.
* EIA STD package.
* I.C. compatible.
Package
Dimensions
Devices
Part No.
Lens
Source Color
Pin Assignment
AlInGaP Red
C2
LTST-S115KRKGKT
Water Clear
AlInGaP Green
C1
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTST-S115KRKGKT
Page :
1
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S115KRKGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S115KRKGKT TO-GRACE-LTST-S115KRKGKT Datasheet
841Kb / 12P
   Meet ROHS, HF, Green Product.
logo
Lite-On Technology Corp...
LTST-S115KRKGKT LITEON-LTST-S115KRKGKT_14 Datasheet
904Kb / 13P
   SMD LED
More results

Similar Description - LTST-S115KRKGKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S115TGKFKT LITEON-LTST-S115TGKFKT Datasheet
584Kb / 12P
   Meet ROHS, Green Product, Dual color chip LED
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S115KRKGKT TO-GRACE-LTST-S115KRKGKT Datasheet
841Kb / 12P
   Meet ROHS, HF, Green Product.
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
   Meet RoHS/Meet RoHS, Green Product
logo
Lite-On Technology Corp...
LTST-C170KFKT LITEON-LTST-C170KFKT Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C170KRKT TO-GRACE-LTST-C170KRKT Datasheet
924Kb / 11P
   Meet ROHS, Green Product.
LTST-C193KGKT-5A TO-GRACE-LTST-C193KGKT-5A Datasheet
746Kb / 11P
   Meet ROHS, Green Product.
LTST-E680UGKT TO-GRACE-LTST-E680UGKT Datasheet
708Kb / 11P
   Meet ROHS, Green Product.
LTST-E680VRKT TO-GRACE-LTST-E680VRKT Datasheet
712Kb / 11P
   Meet ROHS, Green Product.
LTW-230ZDS5 TO-GRACE-LTW-230ZDS5 Datasheet
893Kb / 11P
   Meet RoHS, Green Product.
LTW-C230DS2 TO-GRACE-LTW-C230DS2 Datasheet
834Kb / 11P
   Meet RoHS, Green Product.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com