Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S110KRKT Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTST-S110KRKT
Description  ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S110KRKT Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTST-S110KRKT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S110KRKT_14 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Part
No. : LTST-S110KRKT
Page :
10
of
11
BNS-OD-C131/A4
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage, or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product.
7. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Operation Life
Ta= Under Room Temperature As Per Data Sheet
Maximum Rating
*Test Time= 1000HRS (-24HRS,+72HRS)*@20mA.
MIL-STD-750D:1026
MIL-STD-883D:1005
JIS C 7021:B-1
High Temperature
High Humidity
Storage
IR-Reflow In-Board, 2 Times
Ta= 65±5℃,RH= 90~95%
*Test Time= 240HRS±2HRS
MIL-STD-202F:103B
JIS C 7021:B-11
High Temperature
Storage
Ta= 105±5℃
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-883D:1008
JIS C 7021:B-10
Endurance
Test
Low Temperature
Storage
Ta= -55±5℃
*Test Time=1000HRS (-24HRS,+72H RS)
JIS C 7021:B-12
Temperature
Cycling
105℃ ~ 25℃ ~ -55℃ ~ 25℃
30mins
5mins
30mins
5mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1010
JIS C 7021:A-4
Thermal
Shock
IR-Reflow In-Board, 2 Times
85 ± 5℃ ~ -40℃ ± 5℃
10mins
10mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1011
Solder
Resistance
T.sol= 260 ± 5℃
Dwell Time= 10 ± 1secs
MIL-STD-202F:210A
MIL-STD-750D:2031
JIS C 7021:A-1
IR-Reflow
Normal Process
Ramp-up rate(183℃ to Peak) +3℃/ second max
Temp. maintain at 125(±25)℃ 120 seconds max
Temp. maintain above 183℃ 60-150 seconds
Peak temperature range 235℃+5/-0℃
Time within 5°C of actual Peak Temperature (tp)
10-30 seconds
Ramp-down rate +6℃/second max
MIL-STD-750D:2031.2
J-STD-020C
IR-Reflow
Pb Free Process
Ramp-up rate(217
to Peak) +3
/ second max
℃℃
Temp. maintain at 175(±25)
180 seconds max
Temp. maintain above 217
60
-150 seconds
Peak temperature range 260
+0/
-5℃
Time within 5°C of actual Peak Temperature (tp)
20-40 seconds
Ramp-down rate +6
/second max
MIL-STD-750D:2031.2
J-STD-020C
Environmental
Test
Solderability
T.sol= 235 ± 5℃
Immersion time 2±0.5 sec
Immersion rate 25±2.5 mm/sec
Coverage ≧95% of the dipped surface
MIL-STD-202F:208D
MIL-STD-750D:2026
MIL-STD-883D:2003
IEC 68 Part 2-20
JIS C 7021:A-2
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.


Similar Part No. - LTST-S110KRKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S110KRKT LITEON-LTST-S110KRKT Datasheet
655Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S110KRKT TO-GRACE-LTST-S110KRKT Datasheet
971Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S110KRKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S110KFKT LITEON-LTST-S110KFKT_14 Datasheet
658Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S115KGKFKT-5A LITEON-LTST-S115KGKFKT-5A Datasheet
583Kb / 12P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110KSKT LITEON-LTST-S110KSKT_14 Datasheet
656Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110ZBKT-5A LITEON-LTST-S110ZBKT-5A_14 Datasheet
575Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110TGKT LITEON-LTST-S110TGKT_14 Datasheet
585Kb / 12P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110KGKT LITEON-LTST-S110KGKT_14 Datasheet
766Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LIST-S115KFKGKT-5A LITEON-LIST-S115KFKGKT-5A Datasheet
773Kb / 12P
   ROHS/ LED/ LCD Backlight/ Ultra bright AlInGaP
LTST-S110AKT LITEON-LTST-S110AKT_14 Datasheet
594Kb / 9P
   Side looking special for LCD backlight/ Ultra bright AlInGaP Chip LED
LTSN-B28JBGEW LITEON-LTSN-B28JBGEW Datasheet
436Kb / 20P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
LTSN-B28JEGBB LITEON-LTSN-B28JEGBB Datasheet
610Kb / 13P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com