Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S110KGKT Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTST-S110KGKT
Description  ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S110KGKT Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTST-S110KGKT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S110KGKT_14 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No. : LTST-S110KGKT
Page :
9
of
11
BNS-OD-C131/A4
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a
sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than a week should be baked at about 60 deg C
for at least 24 hours before solder assembly.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
4. Soldering
Recommended soldering conditions:
Reflow soldering
Wave Soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
120~150°C
120 sec. Max.
240°C Max.
10 sec. Max.
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
5. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be incorporated
in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.
6. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s
plastic lens as a result of friction between LEDs during storage and handling.


Similar Part No. - LTST-S110KGKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S110KGKT LITEON-LTST-S110KGKT Datasheet
766Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S110KGKT TO-GRACE-LTST-S110KGKT Datasheet
1Mb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S110KGKT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S110KFKT LITEON-LTST-S110KFKT_14 Datasheet
658Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110KRKT LITEON-LTST-S110KRKT_14 Datasheet
655Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S115KGKFKT-5A LITEON-LTST-S115KGKFKT-5A Datasheet
583Kb / 12P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110KSKT LITEON-LTST-S110KSKT_14 Datasheet
656Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110ZBKT-5A LITEON-LTST-S110ZBKT-5A_14 Datasheet
575Kb / 11P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LTST-S110TGKT LITEON-LTST-S110TGKT_14 Datasheet
585Kb / 12P
   ROHS/ LCD Backlight/ Ultra Bright AlInGaP Chip LED
LIST-S115KFKGKT-5A LITEON-LIST-S115KFKGKT-5A Datasheet
773Kb / 12P
   ROHS/ LED/ LCD Backlight/ Ultra bright AlInGaP
LTST-S110AKT LITEON-LTST-S110AKT_14 Datasheet
594Kb / 9P
   Side looking special for LCD backlight/ Ultra bright AlInGaP Chip LED
LTSN-B28JBGEW LITEON-LTSN-B28JBGEW Datasheet
436Kb / 20P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
LTSN-B28JEGBB LITEON-LTSN-B28JEGBB Datasheet
610Kb / 13P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com