Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S32F2KT-10A Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTST-S32F2KT-10A
Description  ROHS/ Full color chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S32F2KT-10A Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTST-S32F2KT-10A Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S32F2KT-10A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
9. Suggested Checking List
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel
strap or conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at
static-safe workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycles?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
Part
No. : LTST-S32F2KT-10A
Page :
11
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-S32F2KT-10A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S32F2KT-10A LITEON-LTST-S32F2KT-10A_14 Datasheet
877Kb / 12P
   SMD LED
More results

Similar Description - LTST-S32F2KT-10A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C19FD1WT LITEON-LTST-C19FD1WT Datasheet
584Kb / 11P
   ROHS/ Full color chip LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_14 Datasheet
642Kb / 12P
   ROHS/ Full color chip LED
LTST-S32F1KT LITEON-LTST-S32F1KT Datasheet
344Kb / 12P
   ROHS/ Side Looking Full Color Chip LED
LTST-S310F2KT LITEON-LTST-S310F2KT Datasheet
478Kb / 12P
   ROHS/ Side Looking Ultra Bright Chip LED/ Full Color Chip LED
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
   Full Color Chip LED
logo
Lite-On Technology Corp...
LTST-C19HE2WT LITEON-LTST-C19HE2WT Datasheet
697Kb / 11P
   ROHS/ Extra Thin (0.40Hmm) Full Color SMD Chip LED/
logo
Everlight Electronics C...
19-237A-BHR6GHC-A01-2T EVERLIGHT-19-237A-BHR6GHC-A01-2T Datasheet
227Kb / 12P
   Full Color Chip LED
23-23B-R6GHBHC-A01-2A EVERLIGHT-23-23B-R6GHBHC-A01-2A Datasheet
222Kb / 12P
   Full Color Chip LED
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T Datasheet
196Kb / 12P
   Full Color Chip LED
R6GHBHC EVERLIGHT-R6GHBHC Datasheet
199Kb / 12P
   Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com