Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S32F1KT Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTST-S32F1KT
Description  ROHS/ Side Looking Full Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S32F1KT Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTST-S32F1KT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTST-S32F1KT
Page :
11
of
12
BNS-OD-C131/A4
7. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Operation Life
Ta= Under Room Temperature As Per Data Sheet
Maximum Rating
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-750D:1026
MIL-STD-883D:1005
JIS C 7021:B-1
High Temperature
High Humidity
Storage
IR-Reflow In-Board, 2 Times
Ta= 65±5°C,RH= 90~95%
*Test Time= 240HRS±2HRS
MIL-STD-202F:103B
JIS C 7021:B-11
High Temperature
Storage
Ta= 105±5°C
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-883D:1008
JIS C 7021:B-10
Endurance
Test
Low Temperature
Storage
Ta= -55±5°C
*Test Time=1000HRS (-24HRS,+72H RS)
JIS C 7021:B-12
Temperature
Cycling
105°C~ 25°C ~ -55°C ~ 25°C
30mins
5mins
30mins
5mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1010
JIS C 7021:A-4
Thermal
Shock
IR-Reflow In-Board, 2 Times
85 ± 5°C ~ -40°C ± 5°C
10mins
10mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1011
Solder
Resistance
T.sol= 260 ± 5°C
Dwell Time= 10 ± 1secs
MIL-STD-202F:210A
MIL-STD-750D:2031
JIS C 7021:A-1
IR-Reflow
Pb Free Process
Ramp-up rate(217°C to Peak) +3°C / second max
Temp. maintain at 175(±25) °C 180 seconds max
Temp. maintain above 217°C 60-150 seconds
Peak temperature range 260°C +0/-5°C
Time within 5°C of actual Peak Temperature (tp)
10~30 seconds
Ramp-down rate +6°C /second max
MIL-STD-750D:2031.2
J-STD-020D
Environmental
Test
Solderability
T.sol= 235 ± 5℃
Immersion time 2±0.5 sec
Immersion rate 25±2.5 mm/sec
Coverage ≧95% of the dipped surface
MIL-STD-202F:208D
MIL-STD-750D:2026
MIL-STD-883D:2003
IEC 68 Part 2-20
JIS C 7021:A-2
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.


Similar Part No. - LTST-S32F1KT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S32F1KT TO-GRACE-LTST-S32F1KT Datasheet
662Kb / 12P
   Meet ROHS.
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A Datasheet
620Kb / 11P
   Property of Lite-On Only
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_14 Datasheet
642Kb / 12P
   ROHS/ Full color chip LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTST-S32F1KT LITEON-LTST-S32F1KT_14 Datasheet
789Kb / 13P
   SMD LED
More results

Similar Description - LTST-S32F1KT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S310F2KT LITEON-LTST-S310F2KT Datasheet
478Kb / 12P
   ROHS/ Side Looking Ultra Bright Chip LED/ Full Color Chip LED
LTST-S326KGKFKT LITEON-LTST-S326KGKFKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S326TGKRKT LITEON-LTST-S326TGKRKT_14 Datasheet
377Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S326GYKT LITEON-LTST-S326GYKT Datasheet
488Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S321YKT LITEON-LTST-S321YKT Datasheet
538Kb / 12P
   ROHS/ Side Looking Chip LED
LTST-S33FBEGW-5A LITEON-LTST-S33FBEGW-5A Datasheet
508Kb / 12P
   ROHS/ Extra Thin (0.4Tmm) Side Looking Full Color Chip LED with Tin Plating
LTST-S310F3WT LITEON-LTST-S310F3WT_14 Datasheet
638Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S310F3WT-2A LITEON-LTST-S310F3WT-2A Datasheet
633Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S326KGJRKT LITEON-LTST-S326KGJRKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S327KGJRKT LITEON-LTST-S327KGJRKT Datasheet
434Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com