Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S32F1KT Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTST-S32F1KT
Description  ROHS/ Side Looking Full Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S32F1KT Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTST-S32F1KT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S32F1KT Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
5. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in
parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit,
in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs.
6. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LED’s plastic lens
as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage,
or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product.
Part
No. : LTST-S32F1KT
Page :
10
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S32F1KT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S32F1KT TO-GRACE-LTST-S32F1KT Datasheet
662Kb / 12P
   Meet ROHS.
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A Datasheet
620Kb / 11P
   Property of Lite-On Only
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_14 Datasheet
642Kb / 12P
   ROHS/ Full color chip LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTST-S32F1KT LITEON-LTST-S32F1KT_14 Datasheet
789Kb / 13P
   SMD LED
More results

Similar Description - LTST-S32F1KT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S310F2KT LITEON-LTST-S310F2KT Datasheet
478Kb / 12P
   ROHS/ Side Looking Ultra Bright Chip LED/ Full Color Chip LED
LTST-S326KGKFKT LITEON-LTST-S326KGKFKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S326TGKRKT LITEON-LTST-S326TGKRKT_14 Datasheet
377Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S326GYKT LITEON-LTST-S326GYKT Datasheet
488Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S321YKT LITEON-LTST-S321YKT Datasheet
538Kb / 12P
   ROHS/ Side Looking Chip LED
LTST-S33FBEGW-5A LITEON-LTST-S33FBEGW-5A Datasheet
508Kb / 12P
   ROHS/ Extra Thin (0.4Tmm) Side Looking Full Color Chip LED with Tin Plating
LTST-S310F3WT LITEON-LTST-S310F3WT_14 Datasheet
638Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S310F3WT-2A LITEON-LTST-S310F3WT-2A Datasheet
633Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S326KGJRKT LITEON-LTST-S326KGJRKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S327KGJRKT LITEON-LTST-S327KGJRKT Datasheet
434Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com