Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-M02610QS30-S1 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-M02610QS30-S1
Description  LED HIGH POWER CoB Product Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02610QS30-S1 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-M02610QS30-S1 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M02610QS30-S1 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
03
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
1.4 Product List
PN
Watt
CCT
CRI
Color Bin
Lumen Bin
3SDCM
5SDCM
7SDCM
-8%~+8%
-15%~+15%
LTPL-M02608ZS27-T0
8
2700K
80
LTPL-M02608ZS27-S1
8
2700K
80
LTPL-M02608ZS30-T0
8
3000K
80
LTPL-M02608ZS30-S1
8
3000K
80
LTPL-M02608ZS35-T0
8
3500K
80
LTPL-M02608ZS35-S1
8
3500K
80
LTPL-M02608ZS40-T0
8
4000K
80
LTPL-M02608ZS40-S1
8
4000K
80
LTPL-M02608ZS50-F1
8
5000K
80
LTPL-M02608ZS50-S1
8
5000K
80
LTPL-M02608QS30-T0
8
3000K
90
LTPL-M02608QS30-S1
8
3000K
90
LTPL-M02610ZS27-T0
10
2700K
80
LTPL-M02610ZS27-S1
10
2700K
80
LTPL-M02610ZS30-T0
10
3000K
80
LTPL-M02610ZS30-S1
10
3000K
80
LTPL-M02610ZS35-T0
10
3500K
80
LTPL-M02610ZS35-S1
10
3500K
80
LTPL-M02610ZS40-T0
10
4000K
80
LTPL-M02610ZS40-S1
10
4000K
80
LTPL-M02610ZS50-F1
10
5000K
80
LTPL-M02610ZS50-S1
10
5000K
80
LTPL-M02610QS30-T0
10
3000K
90
LTPL-M02610QS30-S1
10
3000K
90
LTPL-M02520ZS27-T0
20
2700K
80
LTPL-M02520ZS27-S1
20
2700K
80
LTPL-M02520ZS30-T0
20
3000K
80
LTPL-M02520ZS30-S1
20
3000K
80
LTPL-M02520ZS35-T0
20
3500K
80
LTPL-M02520ZS35-S1
20
3500K
80
LTPL-M02520ZS40-T0
20
4000K
80
LTPL-M02520ZS40-S1
20
4000K
80


Similar Part No. - LTPL-M02610QS30-S1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-M03614ZS27-T0 LITEON-LTPL-M03614ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS30-T0 LITEON-LTPL-M03614ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS40-T0 LITEON-LTPL-M03614ZS40-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS27-T0 LITEON-LTPL-M03622ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS30-T0 LITEON-LTPL-M03622ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
More results

Similar Description - LTPL-M02610QS30-S1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
   LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
   LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
   LED COB
LBF6224-20DLXA-8B ROHM-LBF6224-20DLXA-8B Datasheet
221Kb / 6P
   LED COB
LBF6232-30DLXA-A ROHM-LBF6232-30DLXA-A Datasheet
167Kb / 6P
   LED COB
LBF6224-20DLXA-68A ROHM-LBF6224-20DLXA-68A Datasheet
159Kb / 6P
   LED COB
LBF6232-30DLXA-B ROHM-LBF6232-30DLXA-B Datasheet
154Kb / 6P
   LED COB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com