Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-M02608ZS27-S1 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTPL-M02608ZS27-S1
Description  LED HIGH POWER CoB Product Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02608ZS27-S1 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTPL-M02608ZS27-S1 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M02608ZS27-S1 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
07
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
3.2 Electro-Optical Characteristics
 CRI 80 Series Product
Dominant
CCT
Code 4
Current
(mA)
VF (V)
@25°C
Flux(lm)
@25°C
VF (V)
@85°C
Flux(lm)
@85°C
Eff.(lm/W)
@25°C
Eff.(lm/W)
@85°C
2700K
08
230
37.8
900
36.7
810
104
96
10
350
37.8
38
38
37.8
37.8
37.8
37.5
37.5
4.7
1370
36.7
1233
104
96
20
580
38.0
2250
36.9
2025
102
95
30
840
38.0
3300
36.9
2970
103
96
3000K
08
220
37.8
900
36.7
810
108
100
10
330
37.8
1370
36.7
1233
110
102
20
550
37.8
2250
36.7
2025
108
100
30
800
37.8
3300
36.7
2970
109
101
3500K
08
210
37.7
900
36.6
810
114
105
10
320
37.7
1370
36.6
1233
114
105
20
540
37.7
2250
36.6
2025
111
102
30
780
37.7
3300
36.6
2970
112
104
4000K
08
200
37.4
900
36.4
810
120
111
10
310
37.5
1370
36.4
1233
118
109
20
520
37.5
2250
36.4
2025
115
107
30
750
37.5
3300
36.4
2970
117
109
5000K
08
200
37.4
900
36.3
810
120
111
10
300
37.4
1370
36.3
1233
122
113
20
510
37.4
2250
36.3
2025
118
109
30
730
37.4
3300
36.3
2970
121
112


Similar Part No. - LTPL-M02608ZS27-S1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-M03614ZS27-T0 LITEON-LTPL-M03614ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS30-T0 LITEON-LTPL-M03614ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03614ZS40-T0 LITEON-LTPL-M03614ZS40-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS27-T0 LITEON-LTPL-M03622ZS27-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
LTPL-M03622ZS30-T0 LITEON-LTPL-M03622ZS30-T0 Datasheet
1,000Kb / 19P
   Specific Lighting
More results

Similar Description - LTPL-M02608ZS27-S1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
   High Power COB & High CRI LED
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
   LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
   LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
   LED COB
LBF6224-20DLXA-8B ROHM-LBF6224-20DLXA-8B Datasheet
221Kb / 6P
   LED COB
LBF6232-30DLXA-A ROHM-LBF6232-30DLXA-A Datasheet
167Kb / 6P
   LED COB
LBF6224-20DLXA-68A ROHM-LBF6224-20DLXA-68A Datasheet
159Kb / 6P
   LED COB
LBF6232-30DLXA-B ROHM-LBF6232-30DLXA-B Datasheet
154Kb / 6P
   LED COB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com