Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG22A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYG22A
Description  Ultrafast Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG22A Datasheet(HTML) 2 Page - Vishay Siliconix

  BYG22A Datasheet HTML 1Page - Vishay Siliconix BYG22A Datasheet HTML 2Page - Vishay Siliconix BYG22A Datasheet HTML 3Page - Vishay Siliconix BYG22A Datasheet HTML 4Page - Vishay Siliconix BYG22A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYG22A, BYG22B, BYG22D
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
2
Document Number: 88959
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Notes
(1) Mounted on epoxy-glass hard tissue
(2) Mounted on epoxy-glass hard tissue, 50 mm2 35 μm Cu
(3) Mounted on Al-oxide-ceramic (Al2O3), 50 mm2 35 μm Cu
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Max. Average Forward Current vs. Ambient Temperature
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYG22A
BYG22B
BYG22D
UNIT
Maximum instantaneous
forward voltage
IF = 1.0 A
TJ = 25 °C
VF (1)
1.0
V
IF = 2.0 A
1.1
Maximum reverse current
VR = VRRM
TJ = 25 °C
IR
1
µA
TJ = 100 °C
10
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
25
ns
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG22A
BYG22B
BYG22D
UNIT
Maximum thermal resistance, junction to lead, TL = const.
RJL
25
°C/W
Maximum thermal resistance, junction to ambient
RJA (1)
150
°C/W
RJA (2)
125
RJA (3)
100
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BYG22A-E3/TR
0.064
TR
1800
7" diameter plastic tape and reel
BYG22A-E3/TR3
0.064
TR3
7500
13" diameter plastic tape and reel
BYG22AHE3/TR (1)
0.064
TR
1800
7" diameter plastic tape and reel
BYG22AHE3/TR3 (1)
0.064
TR3
7500
13" diameter plastic tape and reel
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
0.5
1.0
1.5
2.0
2.5
V
R = VRRM
Half Sine-Wave
Ambient Temperature (°C)
100
80
60
40
20
0
120
140
160
RθJA ≤ 25 K/W
RθJA ≤ 125 K/W
RθJA ≤ 150 K/W


Similar Part No. - BYG22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG22A VISHAY-BYG22A Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG22A VISHAY-BYG22A Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A VISHAY-BYG22A Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
More results

Similar Description - BYG22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D_15 Datasheet
96Kb / 6P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
BYG20J-TR VISHAY-BYG20J-TR Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG20J-E3 VISHAY-BYG20J-E3 Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A VISHAY-BYG22A_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG23M VISHAY-BYG23M_V01 Datasheet
105Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A-M3 VISHAY-BYG22A-M3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com