Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54LS260 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 54LS260
Description  DUAL 5-INPUT NOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS260 Datasheet(HTML) 3 Page - Motorola, Inc

  54LS260 Datasheet HTML 1Page - Motorola, Inc 54LS260 Datasheet HTML 2Page - Motorola, Inc 54LS260 Datasheet HTML 3Page - Motorola, Inc 54LS260 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-441
FAST AND LS TTL DATA
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0.229
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONS A" AND B" ARE DATUMS AND
T" IS A DATUM SURFACE.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
3. CONTROLLING DIMENSION: MILLIMETER.
4. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
5. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
6. 751A01 IS OBSOLETE, NEW STANDARD
751A02.
-A-
-B-
P
G
C
K
SEATING
PLANE
14 PL
D
M
F
J
7 PL
R X 45
°
1
7
8
14
Case 751A-02 D Suffix
14-Pin Plastic
SO-14
B
0.25 (0.010) M
M
T
0.25 (0.010)
B
A
M
S
S
Case 632-08 J Suffix
14-Pin Ceramic Dual In-Line
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
L
M
N
19.05
6.23
3.94
0.39
1.40
0.21
3.18
0.51
19.94
7.11
5.08
0.50
1.65
0.38
4.31
15°
1.01
0.750
0.245
0.155
0.015
0.055
0.008
0.125
0.020
0.785
0.280
0.200
0.020
0.065
0.015
0.170
15°
0.040
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIM F MAY NARROW TO 0.76 (0.030) WHERE
THE LEAD ENTERS THE CERAMIC BODY.
5. 63201 THRU 07 OBSOLETE, NEW STANDARD
63208.
14
8
1
7
-A-
-B-
-T-
SEATING
PLANE
F
G
D
14 PL
N
K
C
L
J
14 PL
M
0.25 (0.010)
T A
M
S
0.25 (0.010)
T B
M
S
Case 646-06 N Suffix
14-Pin Plastic
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
18.16
6.10
3.69
0.38
1.02
1.32
0.20
2.92
19.56
6.60
4.69
0.53
1.78
2.41
0.38
3.43
0.39
0.715
0.240
0.145
0.015
0.040
0.052
0.008
0.115
0.770
0.260
0.185
0.021
0.070
0.095
0.015
0.135
10°
1.01
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
0.015
10°
0.039
A
B
C
D
F
G
H
J
K
L
M
N
NOTES:
1. LEADS WITHIN 0.13 mm (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L" TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B" DOES NOT INCLUDE MOLD
FLASH.
4. ROUNDED CORNERS OPTIONAL.
5. 64605 OBSOLETE, NEW STANDARD 64606.
1
7
14
8
B
A
NOTE 4
F
H
G
D
SEATING
PLANE
N
K
C
L
J
M


Similar Part No. - 54LS260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS260 NSC-54LS260 Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
54LS260DMQB NSC-54LS260DMQB Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
54LS260FMQB NSC-54LS260FMQB Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
54LS260LMQB NSC-54LS260LMQB Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
More results

Similar Description - 54LS260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
   Dual 5-input NOR gate
1988 Nov 29
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
   Dual 5-Input NOR Gate
54LS26 NSC-54LS26 Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
logo
List of Unclassifed Man...
T74LS260B1 ETC-T74LS260B1 Datasheet
106Kb / 3P
   DUAL 5 INPUT NOR GATE
logo
Texas Instruments
SN74F260 TI-SN74F260 Datasheet
44Kb / 3P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
logo
ON Semiconductor
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
   Dual 4-5- Input OR/NOR Gate
1996 REV 5
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
   Dual 4-5-Input OR/NOR Gate
1996 REV 5
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com