Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL154 Datasheet(PDF) 1 Page - Bytes

Part # RL154
Description  1.5 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

RL154 Datasheet(HTML) 1 Page - Bytes

  RL154 Datasheet HTML 1Page - Bytes RL154 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.5 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
RL151
RL152
RL153
RL154
RL155
RL156
RL157
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
5.0
50
20
-65
+150
V
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
RL151
RL157
THRU
1.0
Typical Thermal Resistance R JA (Note 2)
θ
50
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range T , T
J
STG
C
C/W


Similar Part No. - RL154

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL154 RECTRON-RL154 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Shenzhen Ping Sheng Ele...
RL154 PFS-RL154 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Nanjing International G...
RL154 DGNJDZ-RL154 Datasheet
430Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Formosa MS
RL154 FORMOSA-RL154 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Rugao Dachang Electroni...
RL154 DACHANG-RL154 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
More results

Similar Description - RL154

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N5391 FORMOSA-1N5391 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
RL151 FORMOSA-RL151 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Bytes
1N5391 BYTES-1N5391 Datasheet
151Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5391 GWSEMI-1N5391 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
1N5391 UNIOHM-1N5391 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
RL151 GWSEMI-RL151 Datasheet
64Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Nanjing International G...
RL151 DGNJDZ-RL151 Datasheet
430Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1N5391 SECOS-1N5391_15 Datasheet
233Kb / 2P
   1.5 AMP Silicon Rectifiers
logo
Nanjing International G...
1N5391 DGNJDZ-1N5391 Datasheet
293Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
J05 UNIOHM-J05 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com