Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS273J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS273J
Description  OCTAL D FLIP-FLOP WITH CLEAR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS273J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS273J Datasheet HTML 1Page - Motorola, Inc SN54LS273J Datasheet HTML 2Page - Motorola, Inc SN54LS273J Datasheet HTML 3Page - Motorola, Inc SN54LS273J Datasheet HTML 4Page - Motorola, Inc SN54LS273J Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-447
FAST AND LS TTL DATA
OCTAL D FLIP-FLOP WITH CLEAR
The SN54 / 74LS273 is a high-speed 8-Bit Register. The register consists of
eight D-Type Flip-Flops with a Common Clock and an asynchronous active
LOW Master Reset. This device is supplied in a 20-pin package featuring 0.3
inch lead spacing.
8-Bit High Speed Register
Parallel Register
Common Clock and Master Reset
Input Clamp Diodes Limit High-Speed Termination Effects
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
MR
Q7 D7 D6 Q6
D5
Q5
D4
Q0 D0 D1 Q1 Q2 D2 D3
9
10
Q3 GND
12
11
Q4 CP
CONNECTION DIAGRAM DIP (TOP VIEW)
PIN NAMES
LOADING (Note a)
HIGH
LOW
CP
Clock (Active HIGH Going Edge) Input
0.5 U.L.
0.25 U.L.
D0 – D7
Data Inputs
0.5 U.L.
0.25 U.L.
MR
Master Reset (Active LOW) Input
0.5 U.L.
0.25 U.L.
Q0 – Q7
Register Outputs (Note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial
(74) Temperature Ranges.
TRUTH TABLE
MR
CP
Dx
Qx
L
X
X
L
H
H
H
H
L
L
H = HIGH Logic Level
L = LOW Logic Level
X = Immaterial
LOGIC DIAGRAM
CP
MR
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
14
1
2
6
7
3
8
4
5
9
11
12
13
15
VCC = PIN 20
GND = PIN 10
= PIN NUMBERS
17
18
16
19
SN54/74LS273
OCTAL D FLIP-FLOP
WITH CLEAR
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - SN54LS273J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS273 TI-SN54LS273 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54LS273 TI1-SN54LS273 Datasheet
643Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54LS273 TI1-SN54LS273 Datasheet
641Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54LS273-SP TI1-SN54LS273-SP Datasheet
643Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN54LS273FK TI-SN54LS273FK Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - SN54LS273J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
TC7MH273FK TOSHIBA-TC7MH273FK Datasheet
193Kb / 7P
   Octal D-Type Flip Flop with Clear
logo
Texas Instruments
SN54273 TI-SN54273_08 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Unisonic Technologies
U74LVC273G-S20-R UTC-U74LVC273G-S20-R Datasheet
221Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC273FT TOSHIBA-TC74AC273FT Datasheet
297Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com