Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0021A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TS0021A
Description  SMD 7.0x5.0 LVDS SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TS0021A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
*Reference value
Limits
Parameter
Symbol
min.
typ.
max.
Units
Conditions
Deterministic Jitter
tDJ
-
0.2
-
ps
-
Random Jitter
tRJ
-
3
-
ps
-
σ
(RMS of total distri.)
tRMS
-
3
-
ps
-
Peak to Peak
tp-p
-
25
-
ps
-
Accumulated Jitter(σ)
n=2~50 000cycles
tacc
-
4
-
ps
-
Phase Noise:
Limits
Parameter
Symbol
min.
typ.
max.
Units
Conditions
Phase Noise @ 100Hz
PN1
-
-78
-
dBc/Hz
-
Phase Noise @ 1KHz
PN1
-
-107
-
dBc/Hz
Phase Noise @ 10 KHz
PN2
-
-132
-
dBc/Hz
-
Phase Noise @ 100KHz
PN3
-
-136
-
dBc/Hz
-
Phase Noise @ 1MHz
PN4
-
-136
-
dBc/Hz
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn