Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0018A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TS0018A
Description  SMD 7.0x5.0 LVDS SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TS0018A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 7.0x5.0 LVDS SAW Oscillator
MODEL NO.: TS0018A
REV. NO.:1.0
Conditions:
Limits
Parameter
Symbol
min.
typ.
max.
Units
Supply Voltage
Vcc
2.375
2.5
2.625
V
Load Impedance
-
-
100
-
Ω
Operating Temperature Range
Ta
-10
-
70
Electrical Specifications:
For different applications, the specification change is possible. Please contact TST sales
representative or application engineer for your requirement.
Limits
Parameter
Symbol
min.
typ.
max.
Units
Conditions
Output Frequency
-
-
125
-
MHz
Frequency tolerance
-
-100
-
100
ppm
Include Ta range
Current Consumption
-
-
-
66
mA
OE=Vcc L_LVDS=100Ω
Differential output voltage*1
VOD
247
-
454
mV
Differential output error*1
VOD
-
-
50
mV
Measurement cct.1,OE=open,
RL=100Ω,OUT-OUTN differential
voltage,f=100MHz
Offset voltage*1
Vos
1.125
-
1.375
V
Offset error*1
Vos
-
-
50
mV
Measurementcct.1,OE=open,
RL=100Ω,OUT-OUTN mid-level
potential,f=100MHz
HIGH-level input voltage*1
VIH
0.7VCC
-
-
V
OE terminal
LOW-level input voltage*1
VIL
-
-
0.3VCC
V
OE terminal
LVDS Rise time *1
tr
-
-
0.4
ns
20%- 80% - of differential
output voltage
LVDS Fall time *1
tf
-
-
0.4
ns
80%- 20% - of differential
output voltage
Output clock duty cycle*1
SYM
45
-
55
%
At outputs crossing point
Oscillation Start Up time
t_str
-
-
10
msec.
t=0 at Vcc min
Phase Jitter
tPJ
-
-
1
ps
Integration of Phase noise Offset
12KHz~20 MHz
Frequency Aging
-
-
+-10
ppm/yr
25 deg.C 1
st year.
*1 Please see page 6:Timing chart
RoHS Compliant
Lead free
Lead-free soldering


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn