Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS0014A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TS0014A
Description  SMD 7.0x5.0 LVDS SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TS0014A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TS0014A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 7.0x5.0 LVDS SAW Oscillator
MODEL NO.: TS0014A
REV. NO.:2.0
Conditions:
Limits
Parameter
Symbol
min.
typ.
max.
Units
Supply Voltage
Vcc
2.375
2.5
2.625
V
Load Impedance
-
-
100
-
Ω
Operating Temperature Range
-
-10
-
70
Electrical Specifications:
For different applications, the specification change is possible. Please contact TST sales
representative or application engineer for your requirement.
Limits
Parameter
Condition
min.
typ.
max.
Units
Nominal Frequency
-
-
231.25
-
MHz
Current Consumption
Both output
loaded
-
48
60
mA
Frequency tolerance
-
-100
-
100
ppm
Output clock duty cycle
-
45
48.0
55
%
High output voltage
IoH=8mA
-
-
1.6
V
Low output voltage
IoL=8mA
0.9
-
-
V
LVDS Rise time
80%/20% -Vcc
level
-
0.38
0.7
ns
LVDS Fall time
80%/20% -Vcc
level
-
0.37
0.7
ns
Oscillation Start Up time
Time at min.
supply voltage to
be 0 sec.
-
2.0
10
msec.
Phase Jitter
Integration of
Phase noise
Offset 12KHz~20
MHz
-
0.22
1
ps
Frequency Aging
25 deg.C 1st
year.
-
-
+-10
ppm/yr
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TS0014A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
logo
Bothhand USA, LP.
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
   10/100 BASE PCMCIA TRANSFORMER
logo
TAI-SAW TECHNOLOGY CO.,...
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
   SMD 7.0x5.0 CMOS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
More results

Similar Description - TS0014A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0018A TAI-SAW-TS0018A Datasheet
406Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0021A TAI-SAW-TS0021A Datasheet
412Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0019A TAI-SAW-TS0019A Datasheet
404Kb / 7P
   SMD 7.0x5.0 LVPECL SAW OSCILLATOR
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
   SMD 7.0x5.0 CMOS SAW Oscillator
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
logo
Yuechung International ...
OSCLD-S7 YIC-OSCLD-S7 Datasheet
328Kb / 1P
   OSCLD-S7 Series : LVDS SMD Crystal Clock Oscillator 7.0x5.0 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
   SMD 7.0x5.0 33.333MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com