Electronic Components Datasheet Search |
|
HER103 Datasheet(PDF) 1 Page - Bytes |
|
HER103 Datasheet(HTML) 1 Page - Bytes |
1 / 2 page HER101 HER108 THRU 1.0 AMP HIGH EFFICIENCY RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) 1.0 1.0 1.3 1.85 30 5.0 150 50 70 20 -65 +150 V NOTES: 1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any Weight: 0.34 grams * VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere HER101 HER102 HER103 HER104 HER105 HER106 HER107 HER108 UNITS 50 100 200 300 400 600 800 1000 50 100 200 300 400 600 800 1000 35 70 140 210 280 420 560 700 V V * High speed switching DO-41 Dimensions in inches and (millimeters) 1.0(25.4) MIN. 1.0(25.4) MIN. .205(5.2) .166(4.2) .034(.9) .028(.7) DIA. .107(2.7) .080(2.0) DIA. Operating and Storage Temperature Range T , T J STG A A V µA µA nS pF C |
Similar Part No. - HER103 |
|
Similar Description - HER103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |